Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 67Page - National Semiconductor (TI) DP83815 Datasheet HTML 68Page - National Semiconductor (TI) DP83815 Datasheet HTML 69Page - National Semiconductor (TI) DP83815 Datasheet HTML 70Page - National Semiconductor (TI) DP83815 Datasheet HTML 71Page - National Semiconductor (TI) DP83815 Datasheet HTML 72Page - National Semiconductor (TI) DP83815 Datasheet HTML 73Page - National Semiconductor (TI) DP83815 Datasheet HTML 74Page - National Semiconductor (TI) DP83815 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
71
www.national.com
4.0 Register Set (Continued)
4.3.7 Auto-Negotiate Expansion Register
This register contains additional Local Device and Link Partner status information.
4.3.8 Auto-Negotiation Next Page Transmit Register
This register contains the next page information sent by this device to its Link Partner during Auto-Negotiation.
5
10
10BASE-T Support:
1 = 10BASE-T is supported by the Link Partner
0 = 10BASE-T not supported by the Link Partner
4:0
Selector
Protocol Selection Bits:
Link Partners’s binary encoded protocol selector.
Tag: ANER
Size: 16 bits
Hard Reset: 0004h
Offset: 0098h
Access: Read Only
Bit
Bit Name
Description
15:5
Reserved
Reserved: Writes ignored, Read as 0.
4
PDF
Parallel Detection Fault:
1 = A fault has been detected via the Parallel Detection function
0 = A fault has not been detected
3
LP_NP_ABLE Link Partner Next Page Able:
1 = Link Partner does support Next Page
0 = Link Partner does not support Next Page
2
NP_ABLE
Next Page Able:
1 = Indicates local device is able to send additional “Next Pages”
1
PAGE_RX
Link Code Word Page Received: RO/COR
1 =Link Code Word has been received, cleared on a read
0 = Link Code Word has not been received
0
LP_AN_ABLE Link Partner Auto-Negotiation Able:
1 = Indicates that the Link Partner supports Auto-Negotiation
0 = Indicates that the Link Partner does not support Auto-Negotiation
Tag: ANNPTR
Size: 16 bits
Hard Reset: 2001h
Offset: 009Ch
Access: Read Write
Bit
Bit Name
Description
15
NP
Next Page Indication: Default: 0
0 = No other Next Page Transfer desired
1 = Another Next Page desired
14
Reserved
Reserved: Writes ignored, read as 0
13
MP
Message Page: Default: 1
1 = Message Page
0 = Un-formatted Page
Bit
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com