Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 44Page - National Semiconductor (TI) DP83815 Datasheet HTML 45Page - National Semiconductor (TI) DP83815 Datasheet HTML 46Page - National Semiconductor (TI) DP83815 Datasheet HTML 47Page - National Semiconductor (TI) DP83815 Datasheet HTML 48Page - National Semiconductor (TI) DP83815 Datasheet HTML 49Page - National Semiconductor (TI) DP83815 Datasheet HTML 50Page - National Semiconductor (TI) DP83815 Datasheet HTML 51Page - National Semiconductor (TI) DP83815 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
48
www.national.com
4.0 Register Set (Continued)
Bit
Bit Name
Description
20
RTABT
Received Target Abort
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
19-17
unused
16
RXSOVR
Rx Status FIFO Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
15
HIERR
High Bits Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
14
PHY
Phy interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
13
PME
Power Management Event
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
12
SWI
Software Interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
11
MIB
MIB Service
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
10
TXURN
Tx Underrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
9
TXIDLE
Tx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
8
TXERR
Tx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
7
TXDESC
Tx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
6
TXOK
Tx Packet OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
5
RXORN
Rx Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
4
RXIDLE
Rx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
3
RXEARLY
Rx Early Threshold
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
2
RXERR
Rx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
1
RXDESC
Rx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
0
RXOK
Rx OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com