Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 64Page - National Semiconductor (TI) DP83815 Datasheet HTML 65Page - National Semiconductor (TI) DP83815 Datasheet HTML 66Page - National Semiconductor (TI) DP83815 Datasheet HTML 67Page - National Semiconductor (TI) DP83815 Datasheet HTML 68Page - National Semiconductor (TI) DP83815 Datasheet HTML 69Page - National Semiconductor (TI) DP83815 Datasheet HTML 70Page - National Semiconductor (TI) DP83815 Datasheet HTML 71Page - National Semiconductor (TI) DP83815 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
68
www.national.com
4.0 Register Set (Continued)
4.3.2 Basic Mode Status Register
7
Collision Test Collision Test: Default: 0
1 = Collision test enabled
0 = Normal operation
When set, this bit will cause the COL signal to be asserted in response to the assertion of TXEN within
512-bit times. The COL signal will be de-asserted within 4-bit times in response to the de-assertion of
TXEN.
6:0
Reserved
Reserved: Default: 0, RO
Tag: BMSR
Size: 16 bits
Hard Reset: 7849h
Offset: 0084h
Access: Read Only
Bit
Bit Name
Description
15
100BASE-T4
100BASE-T4 Capable: Default: 0
0 = Device not able to perform 100BASE-T4 mode.
14
100BASE-TX
Full Duplex
100BASE-TX Full Duplex Capable: Default: 1
1 = Device able to perform 100BASE-TX in full duplex mode
13
100BASE-TX
Half Duplex
100BASE-TX Half Duplex Capable: Default: 1
1 = Device able to perform 100BASE-TX in half duplex mode.
12
10BASE-T
Full Duplex
10BASE-T Full Duplex Capable: Default: 1
1 = Device able to perform 10BASE-T in full duplex mode
11
10BASE-T
Half Duplex
10BASE-T Half Duplex Capable: Default: 1
1 = Device able to perform 10BASE-T in half duplex mode
10:7
Reserved
Reserved: Write as 0, read as 0
6
Preamble
Suppression
Preamble suppression Capable: Default: 1
1 = Device able to perform management transaction with preamble suppressed, 32-bits of preamble
needed only once after reset, invalid opcode or invalid turnaround.
0 = Normal management operation
5
Auto-
Negotiation
Complete
Auto-Negotiation Complete: Default: 0
1 = Auto-Negotiation process complete
0 = Auto-Negotiation process not complete
4
Remote Fault Remote Fault: Default: 0/L(H)
1 = Remote Fault condition detected (cleared on read or by reset). Fault criteria: Far End Fault Indication
or notification from Link Partner of Remote Fault.
0 = No remote fault condition detected
3
Auto-
Negotiation
Ability
Auto Configuration Ability: Default: 1
1 = Device is able to perform Auto-Negotiation
0 = Device is not able to perform Auto-Negotiation
2
Link Status
Link Status: Default: 0/L(L)
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established
The criteria for link validity is implementation specific. The occurrence of a link failure condition will cause
the Link Status bit to clear. Once cleared, this bit may only be set by establishing a good link condition
and a read via the management interface.
1
Jabber Detect Jabber Detect: Default: 0/LH
1 = Jabber condition detected
0 = No Jabber
This bit is implemented with a latching function, such that the occurrence of a jabber condition causes it
to set until it is cleared by a read to this register by the management interface or by a reset.
This bit only has meaning in 10 Mb/s mode.
0
Extended
Capability
Extended Capability: Default: 1
1 = Extended register capabilities
0 = Basic register set capabilities only
Bit
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com