Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 69Page - National Semiconductor (TI) DP83815 Datasheet HTML 70Page - National Semiconductor (TI) DP83815 Datasheet HTML 71Page - National Semiconductor (TI) DP83815 Datasheet HTML 72Page - National Semiconductor (TI) DP83815 Datasheet HTML 73Page - National Semiconductor (TI) DP83815 Datasheet HTML 74Page - National Semiconductor (TI) DP83815 Datasheet HTML 75Page - National Semiconductor (TI) DP83815 Datasheet HTML 76Page - National Semiconductor (TI) DP83815 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
73
www.national.com
4.0 Register Set (Continued)
6
Remote Fault Remote Fault:
1 = Remote Fault condition detected (cleared on read of BMSR (address 0x84h) register or by reset).
Fault criteria: notification from Link Partner of Remote Fault via Auto-Negotiation
0 = No remote fault condition detected
5
Jabber Detect Jabber Detect: This bit only has meaning in 10 Mb/s mode
This bit is a duplicate of the Jabber Detect bit in the BMSR register, except that it is not cleared upon a
read of the PHYSTS register.
1 = Jabber condition detected
0 = No Jabber
4
Auto-Neg.
Complete
Auto-Negotiation Complete:
1 = Auto-Negotiation complete
0 = Auto-Negotiation not complete
3
Loopback
Status
Loopback:
1 = Loopback enabled
0 = Normal operation
2
Duplex Status Duplex:
This bit indicates duplex status and is determined from Auto-Negotiation or Forced Modes.
1 = Full duplex mode
0 = Half duplex mode
Note: This bit is only valid if Auto-Negotiation is enabled and complete and there is a valid link or if Auto-
Negotiation is disabled and there is a valid link.
1
Speed Status Speed10:
This bit indicates the status of the speed and is determined from Auto-Negotiation or Forced Modes.
1 = 10 Mb/s mode
0 = 100 Mb/s mode
Note: This bit is only valid if Auto-Negotiation is enabled and complete and there is a valid link or if Auto-
Negotiation is disabled and there is a valid link.
0
Link Status
Link Status:
This bit is a duplicate of the Link Status bit in the BMSR register, except that it will not be cleared upon a
read of the PHYSTS register.
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established
Bit
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com