Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 4 Page - Analog Devices

  AD9271 Datasheet HTML 1Page - Analog Devices AD9271 Datasheet HTML 2Page - Analog Devices AD9271 Datasheet HTML 3Page - Analog Devices AD9271 Datasheet HTML 4Page - Analog Devices AD9271 Datasheet HTML 5Page - Analog Devices AD9271 Datasheet HTML 6Page - Analog Devices AD9271 Datasheet HTML 7Page - Analog Devices AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
AD9271
Rev. B | Page 3 of
60
The AD9271 requires a LVPECL-/CMOS-/LVDS-compatible
sample rate clock for full performance operation. No external
reference or driver components are required for many
applications.
The ADC automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. A data clock (DCO±) for
capturing data on the output and a frame clock (FCO±) trigger
for signaling a new output byte are provided.
Powering down individual channels is supported to increase
battery life for portable applications. There is also a standby
mode option that allows quick power-up for power cycling. In CW
Doppler operation, the VGA, AAF, and ADC are powered down.
The power of the TGC path scales with selectable speed grades.
The ADC contains several features designed to maximize flexibility
and minimize system cost, such as a programmable clock, data
alignment, and programmable digital test pattern generation. The
digital test patterns include built-in fixed patterns, built-in
pseudorandom patterns, and custom user-defined test patterns
entered via the serial port interface.
Fabricated in an advanced CMOS process, the AD9271 is
available in a 16 mm × 16 mm, RoHS compliant, 100-lead
TQFP. It is specified over the industrial temperature range of
−40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Eight channels are contained in a small,
space-saving package. Full TGC path, ADC, and crosspoint
switch contained within a 100-lead, 16 mm × 16 mm TQFP.
2.
Low Power of 150 mW per Channel at 40 MSPS.
3.
Integrated Crosspoint Switch. This switch allows numerous
multichannel configuration options to enable the CW
Doppler mode.
4.
Ease of Use. A data clock output (DCO±) operates up to
300 MHz and supports double data rate (DDR) operation.
5.
User Flexibility. Serial port interface (SPI) control offers a wide
range of flexible features to meet specific system requirements.
6.
Integrated Third-Order Antialiasing Filter. This filter is placed
between the TGC path and the ADC and is programmable
from 8 MHz to 18 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com