Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices AD9271 Datasheet HTML 29Page - Analog Devices AD9271 Datasheet HTML 30Page - Analog Devices AD9271 Datasheet HTML 31Page - Analog Devices AD9271 Datasheet HTML 32Page - Analog Devices AD9271 Datasheet HTML 33Page - Analog Devices AD9271 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
AD9271
Rev. B | Page 29 of
60
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter (see Figure 59).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9271.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources, such as the Valpey Fisher VFAC3 series.
If the clock is generated from another type of source (by gating,
dividing, or other methods), it should be retimed by the
original clock during the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about how
jitter performance relates to ADCs (visit www.analog.com).
1
10
100
1000
16 BITS
14 BITS
12 BITS
50
60
70
80
90
100
110
120
130
0.125ps
0.5ps
10 BITS
8 BITS
30
40
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
RMS CLOCK JITTER REQUIREMENT
0.25ps
Figure 59. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
As shown in Figure 61, the power dissipated by the AD9271 is
proportional to its sample rate. The digital power dissipation
does not vary much because it is determined primarily by the
DRVDD supply and bias current of the LVDS output drivers
(Figure 60).
800
0
0
SAMPLING FREQUENCY (MSPS)
700
600
500
400
300
200
100
10
20
30
40
50
IDRVDD
IAVDD, 50MSPS SPEED GRADE
IAVDD, 40MSPS SPEED GRADE
IAVDD, 25MSPS SPEED GRADE
Figure 60. Supply Current vs. fSAMPLE for fIN = 7.5 MHz
190
100
0
SAMPLING FREQUENCY (MSPS)
10
20
30
40
50
180
170
160
150
140
130
120
110
50MSPS SPEED GRADE
40MSPS SPEED GRADE
25MSPS SPEED GRADE
Figure 61. Power per Channel vs. fSAMPLE for fIN = 7.5 MHz
By asserting the PDWN pin high, the AD9271 is placed into
power-down mode. In this state, the device typically dissipates
2 mW. During power-down, the LVDS output drivers are placed
into a high impedance state. The AD9271 returns to normal
operating mode when the PDWN pin is pulled low. This pin is
both 1.8 V and 3.3 V tolerant.
By asserting the STBY pin high, the AD9271 is placed into a
standby mode. In this state, the device typically dissipates
65 mW. During standby, the entire part is powered down except
the internal references. The LVDS output drivers are placed into
a high impedance state. This mode is well suited for applications
that require power savings because it allows the device to be
powered down when not in use and then quickly powered up.
The time to power the device back up is also greatly reduced. The
AD9271 returns to normal operating mode when the STBY pin
is pulled low. This pin is both 1.8 V and 3.3 V tolerant.
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, PLL, and biasing
networks. The decoupling capacitors on REFT and REFB are
discharged when entering power-down mode and must be
recharged when returning to normal operation. As a result, the
wake-up time is related to the time spent in the power-down
mode: shorter cycles result in proportionally shorter wake-up
times. To restore the device to full operation, approximately
1 ms is required when using the recommended 0.1 μF and 4.7 μF
decoupling capacitors on the REFT and REFB pins and the
0.01 μF decoupling capacitors on the GAIN± pins. Most of this
time is dependent on the gain decoupling; higher value decoupling
capacitors on the GAIN± pins result in longer wake-up times.
There are a number of other power-down options available
when using the SPI port interface. The user can individually
power down each channel or put the entire device into standby
mode. This allows the user to keep the internal PLL powered up
when fast wake-up times are required. The wake-up time is
slightly dependent on gain. To achieve a 1 μs wake-up time
when the device is in standby mode, 0.5 V must be applied to
the GAIN± pins. See the Memory Map section for more details
on using these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com