Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9271 Datasheet HTML 2Page - Analog Devices AD9271 Datasheet HTML 3Page - Analog Devices AD9271 Datasheet HTML 4Page - Analog Devices AD9271 Datasheet HTML 5Page - Analog Devices AD9271 Datasheet HTML 6Page - Analog Devices AD9271 Datasheet HTML 7Page - Analog Devices AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices AD9271 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
AD9271
Rev. B | Page 5 of
60
AD9271-25
AD9271-40
AD9271-50
Parameter1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Harmonic Distortion
Second Harmonic
fIN = 5 MHz
at −7 dBFS
VGAIN = 0 V
−73
−71
−71
dBFS
Second Harmonic
fIN = 5 MHz
at −1 dBFS
VGAIN = 1 V
−80
−72
−68
dBFS
Third Harmonic
fIN = 5 MHz
at −7 dBFS
VGAIN = 0 V
−81
−77
−74
dBFS
Third Harmonic
fIN = 5 MHz
at −1 dBFS
VGAIN = 1 V
−65
−63
−66
dBFS
Two-Tone IMD3
(2 × F1 − F2)
Distortion
fIN1 = 5.0 MHz
at −7 dBFS,
fIN2 = 6.0 MHz
at −7 dBFS
VGAIN = 1 V
−54.6
−63.4
−68.5
dBc
Channel-to-Channel
Crosstalk
−70
−70
−70
dB
Channel-to-Channel
Crosstalk (Over-
range Condition)3
−70
−70
−70
dB
Overload Recovery
Full TGC path,
fIN = 1 MHz to 10 MHz,
gain = 0 V to 1 V
5
5
5
Degrees
GAIN ACCURACY
25°C
Gain Law Confor-
mance Error
0 < VGAIN < 0.1 V
+0.8
+0.8
+0.8
dB
0.1 V < VGAIN < 0.9 V
−1.2
+1.2
−1.2
+1.2
−1.2
+1.2
dB
0.9 V < VGAIN < 1 V
−1.2
−1.2
−1.2
dB
Linear Gain Error
VGAIN = 0.5 V,
normalized for ideal
AAF loss
−1.3
+1.3
−1.3
+1.3
−1.3
+1.3
dB
Channel-to-Channel
Matching
0.1 V < VGAIN < 0.9 V
0.2
0.2
0.2
dB
GAIN CONTROL
INTERFACE
Normal Operating
Range
0
1
0
1
0
1
V
Gain Range
0 V to 1 V, normalized
for ideal AAF loss
10 to 40
10 to 40
10 to 40
dB
Scale Factor
31.6
31.6
31.6
dB/V
Response Time
30 dB change
350
350
350
ns
CW DOPPLER MODE
Transconductance
LNA gain = 5/6/8
10/12/16
10/12/16
10/12/16
mA/V
Common Mode
CW Doppler
output pins
1.5
3.6
1.5
3.6
1.5
3.6
V
Input-Referred Noise
Voltage
LNA gain = 5/6/8,
RS = 0 Ω, RFB = ∞
1.8 /1.7/1.5
1.7 /1.5/1.4
1.7 /1.5/1.3
nV/√Hz
Output DC Bias
Per channel
2.4
2.4
2.4
mA
Maximum Output
Swing
Per channel
±2
±2
±2
mA p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com