Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 5 Page - Analog Devices

  AD9271 Datasheet HTML 1Page - Analog Devices AD9271 Datasheet HTML 2Page - Analog Devices AD9271 Datasheet HTML 3Page - Analog Devices AD9271 Datasheet HTML 4Page - Analog Devices AD9271 Datasheet HTML 5Page - Analog Devices AD9271 Datasheet HTML 6Page - Analog Devices AD9271 Datasheet HTML 7Page - Analog Devices AD9271 Datasheet HTML 8Page - Analog Devices AD9271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
AD9271
Rev. B | Page 4 of
60
SPECIFICATIONS
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, CWVDD = 3.3 V, 1.0 V internal ADC reference, fIN = 5 MHz, RS = 50 Ω, LNA gain = 15.6 dB (6), AAF
LPF cutoff = 1/3 × fS, HPF cutoff = 700 kHz, full temperature, unless otherwise noted.
Table 1.
AD9271-25
AD9271-40
AD9271-50
Parameter1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain = 5/6/8
Single-ended input
to differential output
14/15.6/18
14/15.6/18
14/15.6/18
dB
Single-ended input
to single-ended
output
8/9.6/12
8/9.6/12
8/9.6/12
dB
Input Voltage Range,
Gain = 5/6/8
LNA output limited
to 2 V p-p differential
output
400/333/250
400/333/250
400/333/250
mV p-p
SE2
Input Common
Mode
1.4
1.4
1.4
V
Input Resistance
RFB = 200 Ω
50
50
50
Ω
RFB = 400 Ω
100
100
100
Ω
RFB = ∞
15
15
15
kΩ
Input Capacitance
LI-x
15
15
15
pF
−3 dB Bandwidth
40
60
70
MHz
Input Noise Current,
Gain = 5/6/8
1.1
1.1
1.1
pA/√Hz
Input Noise Voltage,
Gain = 5/6/8
RS = 0 Ω, RFB = ∞
1.4/1.4/1.3
1.3/1.2/1.1
1.3/1.2/1.1
nV/√Hz
1 dB Input
Compression
Point, Gain = 5/6/8
VGAIN = 0 V
770/650/495
770/650/495
770/650/495
mV p-p
Noise Figure
Active Termination
Match
RS = 50 Ω, RFB = 200 Ω
6.7
6.7
6.7
dB
Unterminated
RFB = ∞
4.9
4.4
4.2
dB
FULL-CHANNEL (TGC)
CHARACTERISTICS
AAF High-Pass Cutoff
−3 dB
DC/350/700
DC/350/700
DC/350/700
kHz
AAF Low-Pass Cutoff
−3 dB, programmable
1/3 × fSAMPLE
(8 to 18)
1/3 × fSAMPLE
(8 to 18)
1/3 × fSAMPLE
(8 to 18)
MHz
Bandwidth Tolerance
±15
±15
±15
%
Group Delay Variation
f = 1 to 18 MHz,
gain = 0 V to 1 V
±2
±2
±2
ns
Input-Referred Noise
Voltage
LNA gain = 5/6/8,
RFB = ∞
1.7/1.6/1.5
1.6/1.4/1.3
1.6/1.4/1.2
nV/√Hz
Correlated Noise Ratio
No signal, correlated/
uncorrelated
−30
−30
−30
dB
Output Offset
AAF high pass =
700 kHz
−50
+50
−35
+35
−35
+35
LSB
Signal-to-Noise Ratio
(SNR)
fIN = 5 MHz
at −7 dBFS
VGAIN = 0 V
65.8
64.4
63.7
dBFS
fIN = 5 MHz
at −1 dBFS
VGAIN = 1 V
62
59.7
59
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com