Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
AD9271
Rev. B | Page 17 of
60
CODES
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
200000
CODES
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
400000
600000
800000
1000000
1200000
1400000
1600000
1800000
2000000
Figure 24. Output-Referred Noise Histogram with VGAIN = 0.0 V
200000
400000
600000
800000
1000000
1200000
Figure 25. Output-Referred Noise Histogram with VGAIN = 1.0 V
FREQUENCY (MHz)
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
LNA GAIN = 5×
LNA GAIN = 8×
LNA GAIN = 6×
Figure 26. Short-Circuit, Input-Referred Noise vs. Frequency
VGAIN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–140
–139
–138
–137
–136
–135
–134
–133
–132
–131
LNA GAIN = 5×
LNA GAIN = 6×
LNA GAIN = 8×
Figure 27. Short-Circuit, Output-Referred Noise vs. VGAIN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
59.5
60.0
60.5
61.0
61.5
62.0
62.5
63.0
63.5
64.0
SNR (dBFS)
SINAD (dBFS)
Figure 28. SNR/SINAD vs. VGAIN, AIN = −6.5 dBFS
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Figure 29. Short-Circuit, Input-Referred Noise vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com