Electronic Components Datasheet Search
  English  ▼

X  

AD9271 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
AD9271
Rev. B | Page 18 of
60
0
–15
–10
–5
–25
–20
–30
–35
–40
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
FREQUENCY (MHz)
–3dB LINE
(1/3) × 50MSPS
(1/3) × 40MSPS
(1/3) × 25MSPS
Figure 30. Antialiasing Filter (AAF) Pass-Band Response, No HPF Applied
300
50
100
150
200
250
0
0.1
1
10
100
ANALOG INPUT FREQUENCY (MHz)
VGAIN = 0V
VGAIN = 1.0V
VGAIN = 0.5V
Figure 31. Antialiasing Filter (AAF) Group Delay Response
fIN (MHz)
2
4
6
8
101214
16
–85
–80
–75
–70
–65
–60
–55
–50
VGAIN = 0.2V
VGAIN = 0.5V
VGAIN = 1V
Figure 32. Second-Order Harmonic Distortion vs. Frequency, AIN = −0.5 dBFS
fIN (MHz)
2
4
6
8
101214
1
–85
–80
–75
–70
–65
–60
–55
6
–50
VGAIN = 0.2V
VGAIN = 1V
VGAIN = 0.5V
Figure 33. Third-Order Harmonic Distortion vs. Frequency, AIN = −0.5 dBFS
ADC OUTPUT LEVEL (dBFS)
–110
–40
–50
–60
–70
–80
–90
–100
–40
0
–5
–10
–15
–20
–25
–30
–35
VGAIN = 0V
VGAIN = 0.5V
VGAIN = 1V
Figure 34. Second-Order Harmonic Distortion vs. ADC Output Level
ADC OUTPUT LEVEL (dBFS)
–110
–40
–50
–60
–70
–80
–90
–100
–40
0
–5
–10
–15
–20
–25
–30
–35
VGAIN = 0V
VGAIN = 0.5V
VGAIN = 1V
Figure 35. Third-Order Harmonic Distortion vs. ADC Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com