Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices AD9671EBZ Datasheet HTML 36Page - Analog Devices AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 33 of 60
Set Additional Digital Output Configuration Options
The JESD204B outputs are configured by default to produce a
peak differential voltage of 262 mV, which satisfies the JESD204B
specification for a transmit eye mask for an LV-OIF-11G-SR-
based operation target of between 180 mV and 385 mV peak
differential voltage, but other peak differential voltages can be
accommodated. Address 0x015, Bits[6:4] settings allow output
peak voltages. Additional options include the following:
Invert polarity of the serial output data: Address 0x014, Bit 2
Flip (mirror) 10-bit word before output: Address 0x143, Bit 0
Channel data format (offset binary, twos complement,
Gray code): Address 0x014, Bits[1:0]
Options for interpreting the signal on the SYNCINB± pin:
Address 0x156, Bit 5
Reenable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link,
and then the synchronization process can begin. Enable the link
by writing a Logic 0 to Address 0x142, Bit 0.
Figure 46. AD9675 Digital Processing of JESD204B Lanes
Table 19. AD9675 JESD204B Frame Alignment Monitoring and Correction Replacement Characters
Scrambling
Lane Synchronization
Character to be Replaced
Last Octet in
Multiframe
Replacement Character
Off
On
Last octet in frame repeated from previous frame
No
K28.7
Off
On
Last octet in frame repeated from previous frame
Yes
K28.3
Off
Off
Last octet in frame repeated from previous frame
Not applicable
K28.7
On
On
Last octet in frame equals D28.7
No
K28.7
On
On
Last octet in frame equals D28.3
Yes
K28.3
On
Off
Last octet in frame equals D28.7
Not applicable
K28.7
8-BIT/10-BIT
ENCODER/
CHARACTER
REPLACMENT
SERIALIZER
t
. . .
SYNCINB
SYSREF
SERDOUTx±
A PATH
ADC
TEST PATTERN
16-BIT
JESD204B
TEST PATTERN
8-BIT
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
T0
T1
S0
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
E0
E1
E2
E3
E4
E5
E6
E7
E10
E11
E12
E13
E14
E15
E16
E17
E8
E9
E0 E1 E2 E3 E4 E5 E6 E7 E8 E9
E18
E19
E19
OPTIONAL
SCRAMBLER
1 + x14 + x15
JESD204B
TEST PATTERN
10-BIT
TX_TRIG
CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com