Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 41 of 60
RF DECIMATOR
The input to the RF decimator is either the ADC output data or
a test waveform, as described in the Digital Test Waveforms
section. The test waveforms are enabled per channel using
Address 0x11A (see Table 31).
DC Offset Calibration
The user can reduce dc offset through a manual system
calibration process. Measure the dc offset of every channel in
the system and then set a calibration value using Address 0x110
and Address 0x111. Note that these registers are both chip and
local addresses, meaning that they are accessed using the chip
address and device index. Bypass the dc offset calibration using
Address 0x10F, Bits[2:0].
Multiband AAF and Decimate by 2
The multiband filter is an FIR filter. It is programmable with low or
high bandwidth filtering. The filter requires 11 input samples to
populate the filter. The decimation rate is fixed at 2×. Therefore,
the decimation frequency is fDEC = fSAMPLE/2. Figure 57 and
Figure 58 show the frequency response of the filter, depending
on the mode. Figure 57 shows the attenuation amplitude over
the Nyquist frequency range. Figure 58 shows the pass band
response as nearly flat.
Figure 57. AAF Frequency Response (Frequency Scale Assumes
fADC = 2 × fDEC = 40 MHz)
Figure 58. AAF Frequency Response, Zoomed In (Frequency Scale Assumes
fADC = 2 × fDEC = 40 MHz)
High-Pass Filter
The user can apply a second-order Butterworth high-pass IIR
filter after the RF decimator. The filter has a cutoff of 700 kHz
for an encode clock of 50 MHz. The filter has a settling time of
2.5 μs. Therefore, if the ADC clock is 50 MHz, ignore the first
125 samples (2.5 μs/0.02 μs). Bypass or enable the filter in the
vector profile if the filter is enabled in Register 0x113, Bit 5. If
the filter is bypassed by setting Register 0x113, Bit 5 to 1, the
filter cannot be enabled from the vector profile.
DIGITAL TEST WAVEFORMS
Digital test waveforms can be used in the digital processing block
instead of the ADC output. To enable digital test waveforms,
use Address 0x11B. Enable each channel individually in
Address 0x11A.
Waveform Generator
For testing and debugging, use a programmable waveform
generator in place of ADC data. The waveform generator can
vary offset, amplitude, and frequency. The generator uses the
ADC sample frequency, fSAMPLE, and ADC full-scale amplitude,
AFULL-SCALE, as references. The values are set in Address 0x117,
Address 0x118, and Address 0x119 (see Table 31).
x = C + A × sin(2 × π × N)
(8)
64
n
f
N
SAMPLE
, see Address 0x117
(9)
x
SCALE
FULL
A
A
2
, see Address 0x118
(10)
C = AFULL-SCALE × a × 2−(13 − b), see Address 0x119
(11)
Channel ID and Ramp Generator
In Channel ID test mode, the output is a concatenated value.
Bits[6:0] are a ramp. Bit 7 is reserved as 0. Bits[10:8] are the
channel ID such that Channel A is coded as 000 and Channel B
is 001. Bits[15:11] are the chip address.
10
–60
020
FREQUENCY (MHz)
–50
–40
–30
–20
–10
0
2
4
6
8
10
12
14
16
18
LOW BAND FILTER
HIGH BAND FILTER
2
–8
020
FREQUENCY (MHz)
2
4
6
8
10
12
14
16
18
LOW BAND FILTER
HIGH BAND FILTER
–7
–6
–5
–4
–3
–2
–1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com