Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 50Page - Analog Devices AD9671EBZ Datasheet HTML 51Page - Analog Devices AD9671EBZ Datasheet HTML 52Page - Analog Devices AD9671EBZ Datasheet HTML 53Page - Analog Devices AD9671EBZ Datasheet HTML 54Page - Analog Devices AD9671EBZ Datasheet HTML 55Page - Analog Devices AD9671EBZ Datasheet HTML 56Page - Analog Devices AD9671EBZ Datasheet HTML 57Page - Analog Devices AD9671EBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 53 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x115
CHIP_
ADDR_EN
X
X
Chip
address
mode
0 = disable
(default)
1 = enable
Chip address qualifier
0 0000 (default)
(If read, returns the state of ADDR0 to ADRR4 pins)
0x00
Chip address
mode en-
ables the
addressing of
devices if the
value of chip
address
qualifier
equals the
state on the
address pins,
ADDRx
(global)
0x116
ANALOG_
TEST_
TONE
X
X
X
X
Analog test tone
amplitude
See Table 23 to
Table 25
Analog test tone
frequency
00 = fSAMPLE/4 (default)
01 = fSAMPLE/8
10 = fSAMPLE/16
11 = fSAMPLE/32
0x00
Analog test
tone
amplitude
and
frequency
(global)
0x117
DIG_
SINE_
TEST_
FREQ
X
X
X
Digital test tone frequency
0 0000 = 1 × fSAMPLE/64
0 0001 = 2 × fSAMPLE/64
…
1 1111 = 32 × fSAMPLE/64
0x00
Digital sine
test tone
frequency
(global)
0x118
DIG_
SINE_
TEST_
AMP
X
X
X
X
Digital test tone amplitude
0000 = AFULL-SCALE (default)
0001 = AFULL-SCALE/2
0010 = AFULL-SCALE/22
…
1111 = AFULL-SCALE/215
0x00
Digital sine
test tone
amplitude
(global)
0x119
DIG_
SINE_
TEST_
OFFSET
Offset multiplier (a)
0 1111 = 15
0 1110 = 14
…
0 0000 = 0 (default)
1 1111 = −1
…
1 0000 = −16
Offset exponent (b)
000 = 0 (default)
001 = 1
…
111 = 7
0x00
Digital sine
test tone
offset
(global)
Offset = AFULL-SCALE × a × 2−(13 − b)
Offset range is ~0.5 dB
Maximum positive offset = 15 × 2−(13 − 7) = 0.25 × AFULL-SCALE
Maximum negative offset = −16 × 2−(13 − 7) ≈ −0.25 × AFULL-SCALE
0x11A
TEST_
MODE_
CHENABLE
Ch H
enable
0 = off
(default)
1 = on
Ch G
enable
0 = off
(default)
1 = on
Ch F
enable
0 = off
(default)
1 = on
Ch E
enable
0 = off
(default)
1 = on
Ch D
enable
0 = off
(default)
1 = on
Ch C
enable
0 = off
(default)
1 = on
Ch B
enable
0 = off
(default)
1 = on
Ch A
enable
0 = off
(default)
1 = on
0x00
Enable
channels for
test mode
(global)
0x11B
TEST_
MODE_
CONFIG
X
X
X
X
X
Data path test mode selection
000 = disable test modes (default)
001 = enable digital sine test mode
010 = reserved
011 = enable channel ID test mode
(16-bit data = digital ramp (7 bits) +
reserved bit (0) + Channel ID (3 bits) +
Chip Address (5 bits)
100 = enable analog test tone
101 = reserved
…
111 = reserved
0x00
Enable
digital test
modes
(local)
0x11C
RESERVED_
11C
0
0
0
0
0
0
0
0
0x00
Reserved
0x11D
RESERVED_
11D
0
0
0
0
0
0
0
0
0x00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com