Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices AD9671EBZ Datasheet HTML 36Page - Analog Devices AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 37 of 60
Digital Output Test Patterns
Figure 55. Example of Data Flow Block Diagram
Table 21. Flexible Output Test Modes—Address 0x00D
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output
Word 1
Digital Output
Word 2
Digital Output
Word 3
Digital Output
Word 4
Subject to
Resolution
Select
0000
Off (default)
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
0001
Midscale short
10 0000 0000 0000
Same
Same
Same
Yes
0010
+Full-scale short
11 1111 1111 1111
Same
Same
Same
Yes
0011
−Full-scale short
00 0000 0000 0000
Same
Same
Same
Yes
0100
Checkerboard
output
10 1010 1010 1010
01 0101 0101 0101
10 1010 1010 1010
01 0101 0101 0101
No
0101
PN sequence
long
Not applicable
Not applicable
Not applicable
Not applicable
Yes
0110
PN sequence
short
Not applicable
Not applicable
Not applicable
Not applicable
Yes
0111
One-/zero-word
toggle
11 1111 1111 1111
00 0000 0000 0000
11 1111 1111 1111
00 0000 0000 0000
No
1000
User input
Address 0x019 and
Address 0x01A
Address 0x01B and
Address 0x01C
Address 0x01D and
Address 0x01E
Address 0x01F and
Address 0x020
No
1001 to 1110
Reserved
Not applicable
Not applicable
Not applicable
Not applicable
No
1111
Ramp output
00 0000 0000 0000
00 0000 0000 0001
00 0000 0000 0000
00 0000 0000 0001
Yes
Table 22. Flexible Output Test Modes—Address 0x144
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output
Word 1
Digital Output
Word 2
Digital Output
Word 3
Digital Output
Word 4
Subject to
Resolution
Select
0000
Off (default)
Not applicable
Not applicable
Not applicable
Not applicable
Not applicable
0001
Alternating
checkerboard
10 1010 1010 1010
01 0101 0101 0101
10 1010 1010 1010
01 0101 0101 0101
No
0010
One-/zero-word
toggle
11 1111 1111 1111
00 0000 0000 0000
11 1111 1111 1111
00 0000 0000 0000
No
0011
PN sequence long
Not applicable
Not applicable
Not applicable
Not applicable
Yes
0100
PN sequence
short
Not applicable
Not applicable
Not applicable
Not applicable
Yes
0101
Continuous/
repeat user test
pattern
Address 0x019 and
Address 0x01A
Address 0x01B and
Address 0x01C
Address 0x01D and
Address 0x01E
Address 0x01F and
Address 0x020
No
0110
Single user test
pattern
Address 0x019 and
Address 0x01A
Address 0x01B and
Address 0x01C
Address 0x01D and
Address 0x01E
Address 0x01F and
Address 0x020
No
0111
Ramp output
00 0000 0000 0000
00 0000 0000 0001
00 0000 0000 0000
00 0000 0000 0001
Yes
1000
Modified RPAT
sequence
See JESD204B
specification
See JESD204B
specification
See JESD204B
specification
See JESD204B
specification
Not applicable
1001 to 1111
Reserved
Not applicable
Not applicable
No
SAMPLE
CONSTRUCTION
SERIALIZER
TEST
PATTERNS
OUTPUT
PROCESSED
SAMPLE FROM
ADC
8-BIT/10-BIT
ENCODER
TEST
PATTERNS
FRAME/LANE
ALIGNMENT
CHARACTER
GENERATION
SCRAMBLER
FRAME
CONSTRUCTION
TEST
PATTERNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com