Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices AD9671EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 42 of 60
DIGITAL BLOCK POWER SAVING SCHEME
To reduce power consumption in the digital block after the
ADC, the RF decimator and filter start in an idle state after
running the chip (Register 0x008, Bits[2:0] = 000). The digital
block only switches to a running state when the negative edge of
the TX_TRIG pulse is detected, or with a software TX_TRIG
write (Register 0x10C, Bit 5 = 1).
To put the digital block back into the idle state (while the rest of
the chip is still running) and to save power, enact one of the
following three events: raise the TX_TRIG signal high, write to
the profile index (Register 0x10C, Bits[0:4]), or the power stop
expires if the advanced power control feature is used. Figure 59
illustrates the digital block power saving scheme.
Figure 59. Digital Block Power Saving Scheme
CHIP IN POWER-DOWN,
STANDBY,
OR CW MODE
DIGITAL
DECIMATOR/FILTER
IDLE
DIGITAL
DECIMATOR/FILTER
RUNNING
RUN CHIP
NEGATIVE EDGE TX_TRIG
OR S/W TX_TRIG
TX_TRIG IS HIGH, PROFILE
INDEX WRITE, OR POWER
STOP EXPIRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com