Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TPS613222A
Battery
SW
VOUT
22uF
2.2uH
VOUT
5.0V,
500mA
GND
L1
C1
D1
Copyright © 2017, Texas Instruments Incorporated
14
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 12. Typical Application Circuit with Schottky Diode
9.2.2.1 Design Requirements
Table 4. Design Requirements
PARAMETERS
VALUES
Input Voltage
3.0 V ~4.35 V
Output Voltage
5.0 V
Output Current
500 mA
Output Voltage Ripple
± 25 mV
(1)
See Third-party Products Disclaimer
9.2.2.2 Detailed Design Procedure
9.2.2.2.1
Inductor Selection
The peak current is calculated according to Equation 4 and Equation 5.The saturation current of the inductor
must be higher than the calculated peak inductor current.
In this example, the maximum load for the boost converter is 500mA, and the minimum input voltage is 3.0V.
Assuming the efficiency under this condition is 90%, and a typical 2.2µH inductor is adopted in this application,
so the boost converter works in continuous operation mode by the calculation. The current ripple is 500mA and
the inductor peak current is calculated as 1.18A. To leave some margin, a 2.2µH inductor with at least 1.4A
saturation current is recommended for this application.Table 5 lists the recommended inductors for TPS613222A
device.
Table 5. List of Inductors
INDUCTAN
CE [µH]
SATURATION CURRENT
[A]
DC
RESISTAN
CE [m
Ω]
SIZE (L×W×H)
PART NUMBER
MANUFACTURER(1)
2.2
2.3A
82
2.5mm × 2.0mm × 1.2mm
DFE252012F-2R2M
MURATA
2.2
2.4A
89
2.5mm × 2.0mm × 1.0mm
HMLQ25201T-2R2MSR
CYNTEC
2.2
2.5A
75
3.2mm × 2.5mm × 1.2mm
HMME32251B--2R2MS
CYNTEC
9.2.2.2.2
Schottky Diode Selection
The high switching frequency of TPS61322xx demands a high-speed rectifying switch for optimum efficiency.
Ensure that the average and peak current rating of the diode exceeds the average output current and peak
inductor current. In addition, the reverse breakdown voltage of the diode must exceed the maximum output
voltage of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com