Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
MCU
V_MCU
R1
C1
C2
L1
2.2 µF
GPIO
Q1
Q2
D1
GND
Copyright © 2017, Texas Instruments Incorporated
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
MCU
V_MCU
R1
C1
C2
L1
2.2 µF
GPIO
Q1
D1
GND
Copyright © 2017, Texas Instruments Incorporated
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
C1
C2
L1
2.2 µF
Q1
D1
GND
Copyright © 2017, Texas Instruments Incorporated
15
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
www.ti.com
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Third-party Products Disclaimer
9.2.2.2.3
Capacitor Selection
Refer to section 9.2.1.2.3 Capacitor Selection for the detailed design steps.Table 6 lists the recommended
inductor and capacitor combination. Three 10-μF capacitors in parallel is recommended to get the desired
effective capacitance.
Table 6. List of Inductor and Capacitor
INDUCTAN
CE [µH]
CAPACITANCE [µF]
LOAD [mA]
PACKAGE
PART NUMBER
MANUFACTURER(1)
1.0
3×10
500mA
0603
GRM188R60J106ME84D
MURATA
2.2
3×10
500mA
0603
GRM188R60J106ME84D
MURATA
4.7
2×22
500mA
0805
GRM21BZ71A226ME15
MURATA
9.3 System Examples
TPS61322xx can be easily shut down with an external switch Q1 as shown in Figure 13. The switch can be
mechanical switch, a P-channel MOSFET, or a PNP transistor. For a mechanical switch, there is no control logic
circuit needed to turn on or turn off the switch.
Figure 13. True Shutdown for TPS61322xx
9.3.1 Detail Design Schematic
The Figure 14 shows the application circuit when the power supply of the micro controller unit (MCU) is not less
than the battery voltage. The Figure 15 shows the application circuit when the power supply of the micro
controller unit (MCU) is less than the battery voltage
Figure 14. True Shutdown, V_MCU Voltage No Less than
Battery Voltage
Figure 15. True Shutdown, V_MCU Voltage Less than
Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com