Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SW
VOUT
1V/Div
1V/Div
Inductor Current
100mA/Div
VIN
1V/Div
SW
VOUT(2.2V Offset)
2V/Div
10mV/Div
Inductor Current
200mA/Div
VIN
500mV/Div
SW
VOUT(2.2V Offset)
1V/Div
10mV/Div
Inductor Current
50mA/Div
SW
VOUT(2.2V Offset)
1V/Div
10mV/Div
Inductor Current
200mA/Div
12
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.1.3 Application Curves
VIN=1.2V
TPS61322
IOUT=0.1mA
Figure 5. Switching Waveform at Light Load
VIN=1.2V
TPS61322
IOUT=50mA
Figure 6. Switching Waveform at Heavy Load
VIN=1.2V
TPS61322
Rload=250Ω
Figure 7. Startup by VIN
VIN=1.2V
to 1.5V
TPS61322
IOUT=50mA
Figure 8. Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com