Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 3Page - Texas Instruments TPS613226ADBVT Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Thermal
Shutdown
UVLO
Gate Driver
PWM Control
1
3
2
Logic
EA
VOUT
GND
Gate Driver
Current
Sense
VOUT
VREF
Soft Start &
Current Limit
Control
SW
VOUT
Copyright © 2017, Texas Instruments Incorporated
7
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
www.ti.com
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61322xx is a low quiescent current, high efficiency synchronous boost converter. The TPS61322xx uses
hysteretic current control scheme. The TPS61322xx is designed for systems powered by alkaline battery, NiMH
rechargeable battery, Li-ion battery or Li-polymer battery. The input voltage range is from 0.9V to 5.5V. After
startup is completed, the TPS61322xx can work with the input voltage down to 0.4V. The TPS61322xx
consumes only 6.5-µA quiescent current and achieves high efficiency under light load conditions. The
TPS61322xx is designed as an always-on power. Higher than 90% efficiency is achieved under 10mA load from
1.5V input voltage to 2.2V output voltage conversion to extend battery lifetime. The TPS613222A can support as
high as 500mA output current from 3.0V input voltage to 5V output voltage conversion with an external schottky
diode in parallel with internal high-side MOSFET.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Soft Start
When the input voltage is applied, the high side MOSFET is turned on. The input voltage charges the output
capacitors through the inductor and the high side MOSFET. When the output capacitors are charged to 0.83V
typical value, the TPS61322xx starts switching at 1.6MHz fixed frequency and the high side MOSFET is turned
off. When the output voltage goes up to typical 1.6V, an internal softstart control circuit ramps the reference
voltage to 0.8V within 2ms. In this way, the soft start function reduces the input inrush current. After the output
voltage reaches the target value, soft start ends and the inductor peak current is determined by the output of an
internal error amplifier. After startup, the TPS61322xx can work with the input voltage down to 0.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com