Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
2
,
LH
IN
OUT
OUT
peak
L
I
V
I
V
I
u
u
K
2
LH
IN
OUT
OUT
I
V
I
V
!
u
u
K
OUT
LH
IN
OUT
IN
SW
V
I
L
V
V
V
f
u
u
u
u
)
(
K
OUT
LH
LIM
IN
OUT
V
I
I
V
I
K
u
u
)
2
(
(max)
10
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
where
•
ILIM is the peak inductor current limit.
•
ILH is the inductor current ripple
•
η is the boost converter power convert efficiency
(1)
Minimum input voltage, maximum boost output voltage and minimum current limit should be used as the worst
case condition for the estimation.
In this example, assume the power efficiency is 70% at the minimum input voltage of 0.9V. The calculated
maximum output current is 114mA, which satisfies the application requirements.
9.2.1.2.2
Inductor Selection
Because the inductor affects steady state operation, transient behavior, and loop stability, the inductor is the
most important component in power regulator design. There are three important inductor specifications, inductor
value, saturation current, and dc resistance (DCR).
The TPS61322xx is optimized to work with inductor values between 0.7 µH and 13 µH. The inductor values
affect the switching frequency. The estimated switching frequency in continuous conduction mode(CCM) can be
calculated by Equation 2. The switching frequency ƒSW is not a constant value, which is determined by the
inductance, the inductor current ripple, the input voltage and the output voltage. The current ripple ILH is fixed to
200mA typically, but it can be affected by the inductor value indirectly. Normally when a smaller inductor value is
applied, the inductor current ramps up and down more quickly. The current ripple becomes bigger because the
internal current comparator has delay to respond. If a smaller inductor peak current is required in applications, a
higher inductor value can be used. However, The inductor and output capacitor must be considered together for
the loop stability. The output capacitor and the inductance will influence the bandwidth and phase margin of the
converter. Consequently, with a larger inductor, a bigger capacitor normally should be used to ensure the same
L/C ratio for a stable loop. For best stability consideration, a 4.7-µH inductor is recommended for 2.2-V output
voltage application.
where
•
fSW is the switching frequency of the converter
•
ILH is the inductor current ripple
•
η is the boost converter power convert efficiency
(2)
Having selected the inductance value, follow Equation 3 to Equation 5 to calculate the inductor's peak current for
the application. Depending on different load conditions, the TPS61322xx works in continuous current mode or
discontinuous conduction mode(DCM). In different modes, the peak currents of the inductor are also different.
Equation 3 provides an easy way to estimate whether the device works in CCM or DCM. Equation 4 shows the
peak current when the device works in CCM and Equation 5 shows the peak current when the device works in
DCM.
where
•
ILH is the inductor current ripple
•
η is the boost converter power convert efficiency
(3)
where
•
IL,peak is the peak current of the inductor
•
ILH is the inductor current ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com