Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS613226ADBVT Datasheet HTML 1Page - Texas Instruments TPS613226ADBVT Datasheet HTML 2Page - Texas Instruments TPS613226ADBVT Datasheet HTML 3Page - Texas Instruments TPS613226ADBVT Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
SW, VOUT
–0.3
6.0
V
Operating Junction Temperature,TJ
–40
150
°C
Storage Temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
0.9
5.5
V
VOUT
Output voltage range
1.8
5.5
V
L
Inductor (effective)
0.7
2.2
13
µH
COUT
Output capacitor (effective)
4.7
16
100
µF
TJ
Operating junction temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS61322
TPS61322xA
UNIT
DBZ
DBZ
DBV
3-PIN
3-PIN
5-PIN
RθJA
Junction-to-ambient thermal resistance
322.2
322.2
189.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
107.0
107.0
109.4
°C/W
RθJB
Junction-to-board thermal resistance
65.8
65.8
56.5
°C/W
ψJT
Junction-to-top characterization parameter
7.5
7.5
33.3
°C/W
ψJB
Junction-to-board characterization parameter
64.5
64.5
56.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com