Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LH
peak
L
I
I
,
11
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
www.ti.com
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Third-party Products Disclaimer
•
η is the boost converter power convert efficiency
(4)
where
•
IL,peak is the peak inductor.
•
ILH is the inductor current ripple
(5)
The saturation current of the inductor must be higher than the calculated peak inductor current, otherwise the
excessive peak current in the inductor harms the device and reduces the system reliability.
In this example, the maximum load for the boost converter is 50 mA, the minimum input voltage is 0.9 V, and the
efficiency under this condition can be estimated at 80%, so the boost converter works in continuous operation
mode by the calculation. The inductor peak current is calculated as 258 mA. To have some margin, a 4.7-µH
inductor with at least 300 mA saturation current is recommended for this application. A 10-µH inductor can be
used as well by increasing the output capacitance to higher than 22 µF to make the loop stable. Table 2 lists the
recommended inductors for TPS61322xx device.
Table 2. List of Inductors
INDUCTAN
CE [µH]
SATURATION CURRENT
[A]
DC
RESISTAN
CE [m
Ω]
SIZE (L×W×H)
PART NUMBER
MANUFACTURER(1)
4.7
1.7A
165
2.5mm × 2.0mm × 1.2mm
DFE252012P-4R7M=P2
MURATA
4.7
1.5A
141
3.0mm × 3.0mm × 1.5mm
74438335047
Wurth
4.7
1.5A
209
2.5mm × 2.0mm × 1.2mm
SDEM25201B-4R7MS
CYNTEC
(1)
See Third-party Products Disclaimer
9.2.1.2.3
Capacitor Selection
For better output voltage filtering, low ESR X5R or X7R ceramic capacitors are recommended.
For the output capacitor at the VOUT pin, small ceramic capacitors are recommended. The capacitors should be
placed as close as possible to the VOUT and GND pins of the device. If, for any reason, the application requires
the use of large capacitors which cannot be placed close to the device, the use of a small ceramic capacitor with
a capacitance value of 1 μF in parallel to the large one is recommended. This small capacitor should be placed
as close as possible to the VOUT and GND pins of the device.
Considering loop stability, for inductance of 4.7 µH, the minimal output capacitor value is 10-μF (effective value).
Refer to Table 3 for inductor and capacitor combination. Increasing the output capacitor makes the output ripple
smaller.
When selecting capacitors, ceramic capacitor’s derating effect under DC bias voltage should be considered.
Choose the right nominal capacitance by checking capacitor's DC bias characteristics. In this example,
GRM188R60J106ME84D, which is a 10-µF ceramic capacitor with high effective capacitance value at DC biased
condition, is selected for VOUT rail. Two 10-μF capacitors in parallel is recommended to get the desired effective
capacitance.
Table 3. List of Inductor and Capacitor
INDUCTAN
CE [µH]
CAPACITANCE [µF]
LOAD [mA]
PACKAGE
PART NUMBER
MANUFACTURER(1)
1.0
2×10
50mA
0603
GRM188R60J106ME84D
MURATA
2.2
2×10
50mA
0603
GRM188R60J106ME84D
MURATA
4.7
22
50mA
0805
GRM21BZ71A226ME15
MURATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com