Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS61322xx
Battery
SW
VOUT
22uF
4.7uH
VOUT
GND
L1
C1
Copyright © 2017, Texas Instruments Incorporated
9
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
www.ti.com
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS61322xx is designed to operates at a wide input voltage range from 0.9-V to 5.5-V. The minimum peak
switch current limit is 0.5A for TPS61322, with 0.6A for TPS613221A and 1.2A for TPS613222A. The
TPS61322xx supports output voltage from 1.8V to 5.5V with increment of 0.1V, refer to Device Comparison
Table for part details and select the right device for the target applications. Use the following design procedure to
select component values for the TPS61322xx.
9.2 Typical Application
9.2.1 Boost without Schottky Diode
A typical application example is the wireless mouse, which normally requires 2.2-V voltage as its supply voltage
and consumes less than 50 mA current from one cell alkaline battery. The following design procedure can be
used to select external component values for TPS61322xx.
Figure 4. Typical Application Circuit without Schottky Diode
9.2.1.1 Design Requirements
Table 1. Design Requirements
PARAMETERS
VALUES
Input Voltage
0.9 V ~1.6 V
Output Voltage
2.2 V
Output Current
50 mA
Output Voltage Ripple
± 10 mV
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Maximum Output Current
For boost converters, the maximum output current capability is determined by the input to output ratio, the
efficiency, the inductor current ripple and the current limit. The maximum output current can be estimated by
Equation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com