Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS613226ADBVT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
IL
t
200mA
Continuous Current Operation
Discontinuous Current Operation
200mA
8
TPS61322, TPS613221A, TPS613222A, TPS613223A, TPS613226A
SLVSDY5A – JANUARY 2018 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS61322 TPS613221A TPS613222A TPS613223A TPS613226A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Boost Controller Circuit
The TPS61322xx boost converter is controlled by a hysteretic current mode scheme. The TPS61322xx regulates
the output voltage by keeping the inductor ripple constant of 200mA typical value and adjusting the offset of this
inductor current depending on the output load. If the required average input current is lower than average
inductor current defined by this constant ripple current, the inductor current becomes discontinuous to keep the
efficiency high under light load conditions. Figure 3 illustrates the hysteretic current operation.
The output voltage VOUT is monitored via the internal feedback network which is connected to a voltage error
amplifier. To regulate the output voltage, the voltage error amplifier compares this feedback voltage to the
internal voltage reference and adjusts the required offset of the inductor current accordingly.
Figure 3. Hysteretic Current Operation
The TPS61322xx boost converter can increase the output load capacity by connecting an external schottky diode
from SW pin to VOUT pin. Higher than 500mA output current is supported for 5-V output voltage applications
such as USB OTG and HDMI power supply. For such applications, an adaptive constant off time circuit will
generate the signal to turn off high-side FET. The inductor current ripple is greater than 200mA if with this
external diode. A higher inductance can help reduce the inductor current ripple.
8.3.3 Under-voltage Lockout
An undervoltage lockout function stops operation of the converter if the input voltage drops below the typical
undervoltage lockout threshold of 0.4V while the output voltage is still higher than 1.8V. A hysteresis of 100mV is
added so that the device will not switch again until the input voltage goes up to 0.5V.
8.3.4 Current Limit Operation
The TPS61322xx employs cycle-by-cycle peak current limit operation. If the inductor peak current hits the peak
current limit ILIM, the low side MOSFET is turned off and stops the further increase of the inductor current. In this
case the output voltage will drop until power balance between the input side and output side is achieved. If the
output voltage drops below the input voltage, the inductor current will be clamped by the DCR of the inductor and
the on resistance (Rds,on) of the high side MOSFET.
8.3.5 Over Temperature Protection
The TPS61322xx has a built-in temperature sensor which monitors the internal junction temperature in boost
mode operation. If the junction temperature exceeds the threshold 150°C, the device stops operating. As soon as
the junction temperature drops below the shutdown temperature minus the hysteresis, typically 130 °C, the
device starts operating again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com