Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 23Page - Exar Corporation XRT75R03D Datasheet HTML 24Page - Exar Corporation XRT75R03D Datasheet HTML 25Page - Exar Corporation XRT75R03D Datasheet HTML 26Page - Exar Corporation XRT75R03D Datasheet HTML 27Page - Exar Corporation XRT75R03D Datasheet HTML 28Page - Exar Corporation XRT75R03D Datasheet HTML 29Page - Exar Corporation XRT75R03D Datasheet HTML 30Page - Exar Corporation XRT75R03D Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
22
67
SClk/TCLKINV
I
Microprocessor Serial Interface -Serial Clock Input:
This input pin functions as the Clock Source for the Microprocessor Serial Inter-
face.
Each time the user wishes to perform a READ or WRITE operate with the on-
chip Command Registers via the Microprocessor Serial Interface, the user
MUST do the following.
• Assert the CS input pin by toggling it "Low", and
• Provide 16 Clock Periods to this particular input pin for each READ and
WRITE operation.
The Microprocessor Serial Interface will sample any data residing upon the SDI
input pin, upon the rising edge of this clock signal. Further, for READ opera-
tions, the Microprocessor Serial Interface will serially output the contents of a
target Command Register upon the falling edge of this clock signal.
NOTE: The maximum frequency of this particular clock signal is 10MHz.
66
CS/RCLKINV
I
Microprocessor Serial Interface - Chip Select Input:
This input pin should be pulled "Low" whenever a READ or WRITE operation is
to be executed to the on-chip Command Registers, via the Microprocessor
Serial Interface.
This input pin should remain "Low" until the READ or WRITE operation has
been completed. This input pin should be pulled "High" at all other times.
NOTE: If the XRT75R03D has been configured to operate in the Host Mode
then this input pin will function as the RCLKINV input pin.
71
INT/LOSMUT
O
Microprocessor Serial Interface - Interrupt Request Output:
If the XRT75R03D has been configured to operate in the Host Mode, then this
pin becomes the Interrupt Request Output for the XRT75R03D.
During normal conditions, this output pin will be pulled "High". However, if the
user enables certain interrupts within the device, and if those conditions occur,
then the XRT75R03D will request an interrupt from the Microprocessor by tog-
gling this output pin "Low".
NOTES:
1.
If the XRT75R03D is configured to operate in the Hardware Mode,
then this pin functions as the LOSMUT input pin.
2.
This pin will remain "Low" until the Interrupt has been served.
101
RESET
I
Microprocessor Serial Interface - H/W RESET Input:
Pulsing this input "Low" causes the XRT75R03D to reset the contents of the on-
chip Command Registers to their default values. As a consequence, the
XRT75R03D will then also be operating in its default condition.
For normal operation pull this input pin to a logic "High".
NOTE: This input pin is internally pulled high.
MICROPROCESSOR SERIAL INTERFACE - (HOST MODE)
PIN #SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com