Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 34Page - Exar Corporation XRT75R03D Datasheet HTML 35Page - Exar Corporation XRT75R03D Datasheet HTML 36Page - Exar Corporation XRT75R03D Datasheet HTML 37Page - Exar Corporation XRT75R03D Datasheet HTML 38Page - Exar Corporation XRT75R03D Datasheet HTML 39Page - Exar Corporation XRT75R03D Datasheet HTML 40Page - Exar Corporation XRT75R03D Datasheet HTML 41Page - Exar Corporation XRT75R03D Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
XRT75R03D
REV. 1.0.2
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
33
FIGURE 6. RECEIVER DATA OUTPUT AND CODE VIOLATION TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
RxClk
Duty Cycle
E3
DS3
STS-1
45
50
34.368
44.736
51.84
55
%
MHz
MHz
MHz
tRRX
RxClk rise time (10% o 90%)
2
4
ns
tFRX
RxClk falling time (10% to 90%)
2
4
ns
tCO
RxClk to RPOS/RNEG delay time
4
ns
tLCVO
RxClk to rising edge of LCV output delay
2.5
ns
FIGURE 7. TRANSMIT PULSE AMPLITUDE TEST CIRCUIT FOR E3, DS3 AND STS-1 RATES
RClk
t
RRX
t
FRX
RPOS or
RNEG
LCV
t
LCVO
t
CO
TTIP(n)
TRing(n)
XRT75R03D (0nly one channel shown)
1:1
R3
75
Ω
TxPOS(n)
TxNEG(n)
TxLineClk(n)
TPData(n)
TNData(n)
TxClk(n)
31.6
Ω + 1%
31.6
Ω +1%
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com