Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 69Page - Exar Corporation XRT75R03D Datasheet HTML 70Page - Exar Corporation XRT75R03D Datasheet HTML 71Page - Exar Corporation XRT75R03D Datasheet HTML 72Page - Exar Corporation XRT75R03D Datasheet HTML 73Page - Exar Corporation XRT75R03D Datasheet HTML 74Page - Exar Corporation XRT75R03D Datasheet HTML 75Page - Exar Corporation XRT75R03D Datasheet HTML 76Page - Exar Corporation XRT75R03D Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
68
TABLE 25: SOURCE LEVEL INTERRUPT STATUS REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X02
Channel 1 Address Location = 0x0A
Channel 2 Address Location = 0x12
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Change of FL
Condition
Interrupt Status
Ch_n
Change of LOL
Condition
Interrupt Status
Ch_n
Change of LOS
Condition
nterrupt Status
Ch_n
Change of DMO
Condition
Interrupt Status
Ch_n
R/O
R/O
R/O
R/O
RUR
RUR
RUR
RUR
000
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION
7 - 4
Unused
R/O
0
3
Change of FL Con-
dition Interrupt Sta-
tus
RUR
0
Change of FL (FIFO Limit Alarm) Condition Interrupt
Status - Ch 0:
This RESET-upon-READ bit-field indicates whether or not
the Change of FL Condition Interrupt (for Channel 0) has
occurred since the last read of this register.
0 - Indicates that the Change of FL Condition Interrupt has
NOT occurred since the last read of this register.
1 - Indicates that the Change of FL Condition Interrupt has
occurred since the last read of this register.
NOTE: The user can determine the current state of the
FIFO Alarm condition by reading out the contents
of Bit 3 (FL Alarm Declared) within the Alarm
Status Register.
2
Change of LOL
Condition Interrupt
Status
RUR
0
Change of Receive LOL (Loss of Lock) Condition Inter-
rupt Status - Ch 0:
This RESET-upon-READ bit-field indicates whether or not
the Change of Receive LOL Condition Interrupt (for Chan-
nel 0) has occurred since the last read of this register.
0 - Indicates that the Change of Receive LOL Condition
Interrupt has NOT occurred since the last read of this reg-
ister.
1 - Indicates that the Change of Receive LOL Condition
Interrupt has occurred since the last read of this register.
NOTE: The user can determine the current state of the
Receive LOL Defect condition by reading out the
contents of Bit 2 (Receive LOL Defect Declared)
within the Alarm Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com