Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 68Page - Exar Corporation XRT75R03D Datasheet HTML 69Page - Exar Corporation XRT75R03D Datasheet HTML 70Page - Exar Corporation XRT75R03D Datasheet HTML 71Page - Exar Corporation XRT75R03D Datasheet HTML 72Page - Exar Corporation XRT75R03D Datasheet HTML 73Page - Exar Corporation XRT75R03D Datasheet HTML 74Page - Exar Corporation XRT75R03D Datasheet HTML 75Page - Exar Corporation XRT75R03D Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 134 page
background image
XRT75R03D
REV. 1.0.2
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
67
1
Change of LOS
Condition Interrupt
Enable
R/W
0
Change of the Receive LOS (Loss of Signal) Defect
Condition Interrupt Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of the Receive LOS Defect Condition
Interrupt. If the user enables this interrupt, then the
XRT75R03D will generate an interrupt any time any of the
following events occur.
• Whenever the Receive Section (within Channel 0)
declares the LOS Defect Condition.
• Whenever the Receive Section (within Channel 0) clears
the LOS Defect condition.
0 - Disables the Change in the LOS Defect Condition Inter-
rupt.
1 - Enables the Change in the LOS Defect Condition Inter-
rupt.
0
Change of DMO
Condition Interrupt
Enable
R/W
0
Change of Transmit DMO (Drive Monitor Output) Con-
dition Interrupt Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of Transmit DMO Condition Interrupt. If
the user enables this interrupt, then the XRT75R03D will
generate an interrupt any time any of the following events
occur.
• Whenever the Transmit Section toggles the DMO output
pin (or bit-field) to "1".
• Whenever the Transmit Section toggles the DMO output
pin (or bit-field) to "0".
0 - Disables the Change in the DMO Condition Interrupt.
1 - Enables the Change in the DMO Condition Interrupt.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com