Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 67Page - Exar Corporation XRT75R03D Datasheet HTML 68Page - Exar Corporation XRT75R03D Datasheet HTML 69Page - Exar Corporation XRT75R03D Datasheet HTML 70Page - Exar Corporation XRT75R03D Datasheet HTML 71Page - Exar Corporation XRT75R03D Datasheet HTML 72Page - Exar Corporation XRT75R03D Datasheet HTML 73Page - Exar Corporation XRT75R03D Datasheet HTML 74Page - Exar Corporation XRT75R03D Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
66
REGISTER DESCRIPTION - PER CHANNEL REGISTERS
TABLE 24: SOURCE LEVEL INTERRUPT ENABLE REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X01
Channel 1 Address Location = 0x09
Channel 2 Address Location = 0x11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Change of FL
Condition
Interrupt Enable
Ch 0
Change of LOL
Condition
Interrupt Enable
Ch 0
Change of LOS
Condition
Interrupt Enable
Ch 0
Change of
DMO Condition
Interrupt Enable
Ch 0
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
0000
0
0
0
0
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION
7 - 4
Reserved
R/O
0
3
Change of FL
Condition Interrupt
Enable - Ch 0
R/W
0
Change of FL (FIFO Limit Alarm) Condition Interrupt
Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of FL Condition Interrupt. If the user
enables this interrupt, then the XRT75R03D will generate
an interrupt any time any of the following events occur.
• Whenever the Jitter Attenuator (within Channel 0)
declares the FL (FIFO Limit Alarm) condition.
• Whenever the Jitter Attenuator (within Channel 0) clears
the FL (FIFO Limit Alarm) condition.
0 - Disables the Change in FL Condition Interrupt.
1 - Enables the Change in FL Condition Interrupt.
2
Change of LOL
Condition Interrupt
Enable
R/W
0
Change of Receive LOL (Loss of Lock) Condition Inter-
rupt Enable - Channel 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of Receive LOL Condition Interrupt. If the
user enables this interrupt, then the XRT75R03D will gen-
erate an interrupt any time any of the following events
occur.
• Whenever the Receive Section (within Channel 0)
declares the Loss of Lock Condition.
• Whenever the Receive Section (within Channel 0) clears
the Loss of Lock Condition.
0 - Disables the Change in Receive LOL Condition Inter-
rupt.
1 - Enables the Change in Receive LOL Condition Inter-
rupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com