Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03D Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 28Page - Exar Corporation XRT75R03D Datasheet HTML 29Page - Exar Corporation XRT75R03D Datasheet HTML 30Page - Exar Corporation XRT75R03D Datasheet HTML 31Page - Exar Corporation XRT75R03D Datasheet HTML 32Page - Exar Corporation XRT75R03D Datasheet HTML 33Page - Exar Corporation XRT75R03D Datasheet HTML 34Page - Exar Corporation XRT75R03D Datasheet HTML 35Page - Exar Corporation XRT75R03D Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
XRT75R03D
REV. 1.0.2
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
27
63
RLOS_2
O
64
RLOL_2
O
65
SR/DR
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
66
RCLKINV (CS)I
67
TCLKINV (SCLK)
I
68
RxON (SDI)
I
This input pin is internally pulled low.
69
RxMON (SDO)
I/O
70
HOST/HW
I
This input pin is internally pulled low.
71
LOSMUT (INT)
I/O
72
STS-1/DS3_0
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
73
LLB_0
I
Not Active while in Host Mode
74
RLB_0
I
Not Active while in Host Mode
75
REQEN_0
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
76
E3_0
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
77
RxAVDD_0
***
78
RRING_0
I
79
RTIP_0
I
80
RxAGND_0
***
81
STS-1/DS3_2
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
82
LLB_2
I
Not Active while in Host Mode
83
RLB_2
I
Not Active while in Host Mode
84
REQEN_2
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
85
E3_2
I
1. Not Active while in Host Mode
2. This input pin is internally pulled low.
86
RxAVDD_2
***
87
RRING_2
I
88
RTIP_2
I
89
RxAGND_2
***
90
RxAGND_1
***
91
RTIP_1
I
XRT75R03D PIN LISTING IN NUMERICAL ORDER
PIN #PIN NAME
TYPE
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com