Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 203 page
background image
Rev. 1.20
108
De�e��e� 1�� 201�
Rev. 1.20
109
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Bit4~2
ADOR2~ADOR0:Outputdatarateselection
NormalMode:OutputDataRate
000:CHOP=2,OSR=16384
001:CHOP=2,OSR=8192
010:CHOP=2,OSR=4096
011:CHOP=2,OSR=2048
100:CHOP=2,OSR=1024
101:CHOP=2,OSR=512
110:CHOP=2,OSR=256
111:CHOP=2,OSR=128
LowLatencyMode:OutputDataRate
000:CHOP=1,OSR=16384
001:CHOP=1,OSR=8192
010:CHOP=1,OSR=4096
011:CHOP=1,OSR=2048
100:CHOP=1,OSR=1024
101:CHOP=1,OSR=512
110:CHOP=1,OSR=256
111:CHOP=1,OSR=128
Bit1
Unimplemented,readas"0"
Bit0
VREFS:ADCreferencesourceselection
0:Internalreference(VCM,AVSS)
1:Externalreference(VREFP,VREFN)
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
FLMS2
FLMS1
FLMS0
VRBUFN VRBUFP ADCDL
EOC
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
0
0
0
0
0
0
0
—
Bit7~5
FLMS2~FLMS0:ADCoutputdatamodeandclockdivisionratioselection
000:NormalMode,ADCclock/30
010:NormalMode,ADCclock/12
100:LowLatencyMode,ADCclock/30
110:LowLatencyMode,ADCclock/12
Others:Reserved
Bit4
VRBUFN:VRNBufferEnable
0:Disable
1:Enable
Bit3
VRBUFP:VRPBufferEnable
0:Disable
1:Enable
Bit2
ADCDL:ADCconverteddatalatchfunction
0:Disabledatalatch
1:Enabledatalatch
IftheADCconverteddatalatchfunctionisenabled,thelatestconverteddatavalue
willbelatchedandnotbeupdatedbyanysubsequentconvertedresultsuntilthis
functionisdisabled.Althoughtheconverteddataislatchedintothedataregisters,the
ADCcircuitsremainoperational,butwillnotgenerateinterruptandEOCwillnot
change.Itisrecommendedthatthisbitshouldbesethighbeforereadingtheconverted
dataintheADRL,ADRMandADRHregisters.Aftertheconverteddatahasbeen
readout,thebitcanthenbeclearedtolowtodisabletheADCdatalatchfunctionand
allowfurtherconversionvaluestobestored.Inthisway,thepossibilityofobtaining
undesireddataduringADCconversionscanbeprevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com