Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 203 page
background image
Rev. 1.20
112
De�e��e� 1�� 201�
Rev. 1.20
113
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Programming Considerations
DuringmicrocontrolleroperationswheretheA/Dconverterisnotbeingused,theA/Dinternal
circuitrycanbeswitchedofftoreducepowerconsumption,bysettingbitADOFFhighinthe
ADCR0register.Whenthishappens,theinternalA/Dconvertercircuitswillnotconsumepower
irrespectiveofwhatanalogvoltageisappliedtotheirinputlines.
A/D Transfer Function
Thisdevicecontainsa20-bitΔΣA/Dconverter,itsfull-scaleconverteddigitisedvalueisfrom
524287to-524288indecimalvalue.Theconverteddataformatisformedbyatwo’scomplement
binaryvalue.TheMSBoftheconverteddataisthesignedbit.Sincethefull-scaleanaloginput
valueisequaltotheVCMorΔVREFvoltage,selectedbytheVREFSbitinADCR0register,thisgives
asinglebitanaloginputvalueofVCMorΔVREFdividedby524288.
1LSB=(VCMorΔVREF)/524288
TheA/DConverterinputvoltagevaluecanbecalculatedusingthefollowingequation:
ΔSI_I=(PGAGN×ADGN×ΔDI±)+(DCSET×ΔVR_I)
ΔVR_I=VREGN×ΔVR±
ADC_Conversion_Data=(ΔSI_I÷ΔVR_I)×K
WhereKisequalto219
Note:ThePGAGN,ADGN,VREGNvaluesaredecidedbyPGS,AGS,VGScontrolbits.
ΔSI_I:DifferentialInputSignalafterprocess
PGAGN:ProgrammableGainAmplifiergain
ADGN:ADCgain
ΔDI±:DifferentialInputsignal
DCSET:Offsetvoltage
ΔVR±:DifferentialReferencevoltage
ΔVR_I:DifferentialReferenceinputvoltageafterprocess
VREGN:Referencevoltagegain
DuetothedigitalsystemdesignoftheΔΣADC,themaximumnumberoftheADCconvertedvalue
is524287andtheminimumvalueis-524288,therefore,wecanhavethemiddlenumber0.The
ADC_Conversion_Dataequationillustratesthisrangeofconverteddatavariation.
A/D conversion data
(2’s compliment, Hexadecimal)
Decimal Value
0x7FFFF
52�287
0x80000
-52�288
TheaboveADCconversiondatatableillustratestherangeofADCconversiondata.
ThefollowingdiagramshowstherelationshipbetweentheDCinputvalueandtheADCconverted
datawhichispresentedbytheTwo’sComplement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com