Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
Rev. 1.30
50
���i� ��� �01�
Rev. 1.30
51
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Register
Reset (Power On)
WDT Time-out/WDTC
Software Reset
(Normal Operation)
WDT Time-out (HALT)*
I�R0
0000 0000
0000 0000
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
I�R1
0000 0000
0000 0000
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
BP
---- ---0
---- ---0
---- ---u
�CC
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBHP
- - -- - -x x
- - - - - - uu
- - - - - - uu
ST�TUS
--00 xxxx
--1u uuuu
--1 1 uuuu
SMOD
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
INTEG
- - - - - - 00
- - - - - - 00
- - - - - - uu
INTC0
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
uuuu uuuu
MFI0
--00 --00
--00 --00
--uu --uu
MFI1
--00 --00
--00 --00
--uu --uu
P�
1111 1111
1111 1111
uuuu uuuu
P�C
1111 1111
1111 1111
uuuu uuuu
P�PU
0000 0000
0000 0000
uuuu uuuu
P�WU
0000 0000
0000 0000
uuuu uuuu
PRM
0000 0000
0000 0000
uuuu uuuu
LVRC
0101 0101
0101 0101
uuuu uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
uuuu -uuu
CTRL
0--- -x00
0--- -yyy
u--- -uuu
EE�
---0 0000
---0 0000
---u uuuu
EED
0000 0000
0000 0000
uuuu uuuu
�DRL(�DRFS=0)
xxxx ----
xxxx ----
uuuu ----
�DRL(�DRFS=1)
xxxx xxxx
xxxx xxxx
uuuu uuuu
�DRH(�DRFS=0)
xxxx xxxx
xxxx xxxx
uuuu uuuu
�DRH(�DRFS=1)
---- xxxx
---- xxxx
---- uuuu
�DCR0
01 10 --00
01 10 --00
uuu- uuuu
�DCR1
00-0 -000
00-0 -000
uuuu uuuu
�CER
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
TMPC
---- 0101
---- 0101
---- uuuu
TM0C0
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0�L
0000 0000
0000 0000
uuuu uuuu
TM0�H
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
uuuu uuuu
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1�L
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com