Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
Rev. 1.30
��
���i� ��� �01�
Rev. 1.30
�3
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
ADCR0 Register
Bit
7
6
5
4
3
2
1
0
Name
ST�RT
EOCB
�DOFF
�DRFS
—
—
�CS1
�CS0
R/W
R/W
R
R/W
R/W
—
—
R/W
R/W
POR
0
1
1
0
—
—
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto“1”
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitwillbehigh.
Bit5
ADOFF :ADCmodulepoweron/offcontrolbit
0:ADCmodulepoweron
1:ADCmodulepoweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicepowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:1.itisrecommendedtosetADOFF=1beforeenteringIDLE/SLEEPModefor
savingpower.
2.ADOFF=1willpowerdowntheADCmodule.
Bit4
ADRFS:ADCDataFormatControl
0:ADCDataMSBisADRHbit7,LSBisADRLbit4
1:ADCDataMSBisADRHbit3,LSBisADRLbit0
Thisbitcontrolstheformatofthe12-bitconvertedA/DvalueinthetwoA/Ddata
registers.DetailsareprovidedintheA/Ddataregistersection.
Bit3~2
Unimplemented,readas“0”
Bit1~0
ACS2, ACS1, ACS0:SelectA/Dchannel(whenACS4is“0”)
000:AN0
001:AN1
010:AN2
011:AN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com