Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Rev. 1.30
94
���i� ��� �01�
Rev. 1.30
95
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
�DD ��[m]
�dd Data Memo�y to �CC
1
Z� C� �C� OV
�DDM ��[m]
�dd �CC to Data Memo�y
1Note
Z� C� �C� OV
�DD ��x
�dd immediate data to �CC
1
Z� C� �C� OV
�DC ��[m]
�dd Data Memo�y to �CC with Ca��y
1
Z� C� �C� OV
�DCM ��[m]
�dd �CC to Data memo�y with Ca��y
1Note
Z� C� �C� OV
SUB ��x
Subt�act immediate data f�om the �CC
1
Z� C� �C� OV
SUB ��[m]
Subt�act Data Memo�y f�om �CC
1
Z� C� �C� OV
SUBM ��[m]
Subt�act Data Memo�y f�om �CC with �esu�t in Data Memo�y
1Note
Z� C� �C� OV
SBC ��[m]
Subt�act Data Memo�y f�om �CC with Ca��y
1
Z� C� �C� OV
SBCM ��[m]
Subt�act Data Memo�y f�om �CC with Ca��y� �esu�t in Data Memo�y
1Note
Z� C� �C� OV
D�� [m]
Decima� adjust �CC fo� �ddition with �esu�t in Data Memo�y
1Note
C
Logic Operation
�ND ��[m]
Logica� �ND Data Memo�y to �CC
1
Z
OR ��[m]
Logica� OR Data Memo�y to �CC
1
Z
XOR ��[m]
Logica� XOR Data Memo�y to �CC
1
Z
�NDM ��[m]
Logica� �ND �CC to Data Memo�y
1Note
Z
ORM ��[m]
Logica� OR �CC to Data Memo�y
1Note
Z
XORM ��[m]
Logica� XOR �CC to Data Memo�y
1Note
Z
�ND ��x
Logica� �ND immediate Data to �CC
1
Z
OR ��x
Logica� OR immediate Data to �CC
1
Z
XOR ��x
Logica� XOR immediate Data to �CC
1
Z
CPL [m]
Com��ement Data Memo�y
1Note
Z
CPL� [m]
Com��ement Data Memo�y with �esu�t in �CC
1
Z
Increment & Decrement
INC� [m]
Inc�ement Data Memo�y with �esu�t in �CC
1
Z
INC [m]
Inc�ement Data Memo�y
1Note
Z
DEC� [m]
Dec�ement Data Memo�y with �esu�t in �CC
1
Z
DEC [m]
Dec�ement Data Memo�y
1Note
Z
Rotate
RR� [m]
Rotate Data Memo�y �ight with �esu�t in �CC
1
None
RR [m]
Rotate Data Memo�y �ight
1Note
None
RRC� [m]
Rotate Data Memo�y �ight th�ough Ca��y with �esu�t in �CC
1
C
RRC [m]
Rotate Data Memo�y �ight th�ough Ca��y
1Note
C
RL� [m]
Rotate Data Memo�y �eft with �esu�t in �CC
1
None
RL [m]
Rotate Data Memo�y �eft
1Note
None
RLC� [m]
Rotate Data Memo�y �eft th�ough Ca��y with �esu�t in �CC
1
C
RLC [m]
Rotate Data Memo�y �eft th�ough Ca��y
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com