Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
Rev. 1.30
�4
���i� ��� �01�
Rev. 1.30
�5
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
ACER Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
�CE3
�CE�
�CE1
�CE0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
1
1
1
1
Bit7~4
Unimplemented,readas"0"
Bit3
ACE3:DefinePA3isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN3
Bit2
ACE2:DefinePA2isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN2
Bit1
ACE1:DefinePA1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN1
Bit0
ACE0:DefinePA0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN0
A/D Operation
TheSTARTbitintheADCR0registerisusedtostartandresettheA/Dconverter.Whenthe
microcontrollersetsthisbitfromlowtohighandthenlowagain,ananalogtodigitalconversion
cyclewillbeinitiated.WhentheSTARTbitisbroughtfromlowtohighbutnotlowagain,the
EOCBbitintheADCR0registerwillbesethighandtheanalogtodigitalconverterwillbereset.
ItistheSTARTbitthatisusedtocontroltheoverallstartoperationoftheinternalanalogtodigital
converter.
TheEOCBbitintheADCR0registerisusedtoindicatewhentheanalogtodigitalconversion
processiscomplete.Thisbitwillbeautomaticallysetto0bythemicrocontrollerafteraconversion
cyclehasended.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbesetintheinterrupt
controlregister,andiftheinterruptsareenabled,anappropriateinternalinterruptsignalwillbe
generated.ThisA/DinternalinterruptsignalwilldirecttheprogramflowtotheassociatedA/D
internalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,themicrocontroller
canbeusedtopolltheEOCBbitintheADCR0registertocheckwhetherithasbeenclearedasan
alternativemethodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
ADCK2~ADCK0bitsintheADCR1register.
AlthoughtheA/DclocksourceisdeterminedbythesystemclockfSYS,andbybitsADCK2~ADCK0,
therearesomelimitationsontheA/Dclocksourcespeedrangethatcanbeselected.Asthe
recommendedrangeofpermissibleA/Dclockperiod,tADCK,isfrom0.5µsto10µs,caremustbe
takenforselectedsystemclockfrequencies.Forexample,ifthesystemclockoperatesatafrequency
of4MHz,theADCK2~ADCK0bitsshouldnotbesetto000Bor110B.DoingsowillgiveA/D
clockperiodsthatarelessthantheminimumA/DclockperiodorgreaterthanthemaximumA/D
clockperiodwhichmayresultininaccurateA/Dconversionvalues.Refertothefollowingtablefor
examples,wherevaluesmarkedwithanasterisk*showwhere,dependinguponthedevice,special
caremustbetaken,asthevaluesmaybelessthanthespecifiedminimumA/DClockPeriod.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com