Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
Rev. 1.30
14
���i� ��� �01�
Rev. 1.30
15
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Power on Reset Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VPOR
VDD Sta�t Vo�tage to ensu�e Powe�-on Reset
—
—
—
—
100
mV
RPOR �C VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minimum Time fo� VDD to �emain at VPOR to
ensu�e Powe�-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R
Bandgap Reference (Vbg) Characteristic Curve
1. 215
1. 220
1. 225
1. 230
1. 235
1. 240
1. 245
1. 250
1. 255
1. 260
1. 265
1. 270
2. 7V
3. 15V
5. 6V
25 ° C
-4 5 ° C
90 ° C
O per at i ng Vo lt ag e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com