Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
Rev. 1.30
58
���i� ��� �01�
Rev. 1.30
59
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Thefollowingstepsshowthereadandwriteprocedures:
• WritingDatatoCCRA
♦
Step1.WritedatatoLowByteTMxAL
– notethatheredataisonlywrittentothe8-bitbuffer.
♦
Step2.WritedatatoHighByteTMxAH
– heredataiswrittendirectlytothehighbyteregistersandsimultaneouslydataislatched
fromthe8-bitbuffertotheLowByteregisters.
• ReadingDatafromtheCounterRegistersandCCRA
♦
Step1.ReaddatafromtheHighByteTMxDH,TMxAH
– heredataisreaddirectlyfromtheHighByteregistersandsimultaneouslydataislatched
fromtheLowByteregisterintothe8-bitbuffer.
♦
Step2.ReaddatafromtheLowByteTMxDL,TMxAL
– thisstepreadsdatafromthe8-bitbuffer.
AstheCCRAregisterisimplementedinthewayshowninthefollowingdiagramandaccessing
thisregisteriscarriedoutinaspecificwaydescribedabove,itisrecommendedtousethe“MOV”
instructiontoaccesstheCCRAlowbyteregister,namedTMxAL,inthefollowingaccess
procedures.AccessingtheCCRAlowbyteregisterwithoutfollowingtheseaccessprocedureswill
resultinunpredictablevalues.
Compact Type TM – CTM
TheCompactTMtypecontainsthreeoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounterandPWMOutputmodes.TheCompactTMcanalsobecontrolledwithanexternal
inputpinandcandrivetwoexternaloutputpins.
CTM
Name
TM No.
TM Input Pin
TM Output Pin
HT66F005/HT66F006 10-bit CTM
0� 1
TCK0� TCK1
TP0_0� TP0_1� TP1_0� TP1_1
CCR P
CCR A
Tn CCL R
Co m par at or P M at ch
Co m par at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PA U
b7~ b9
3 -b it C om par at or P
TC Kn
10 -b it C om par at or A
Co unt er C l ear
10- bi t Co unt -u p Co unt er
Tn PF I nt er ru pt
Tn AF I nt er ru pt
TP n Pi n
Ou tp u t
b0~ b9
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
TP n_ 0
TP n_ 1
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f LI RC
Re se rv ed
0
1
Compact Type TM Block Diagram (n=0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com