Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
Rev. 1.30
10
���i� ��� �01�
Rev. 1.30
11
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD4
O�e�ating Cu��ent�
No�ma� Mode� fH=1�MHz (HIRC)
3V No �oad� fSYS=fH/�� �DC off�
WDT enab�e
—
1.�
�.4
m�
5V
—
�.6
4.4
m�
3V No �oad� fSYS=fH/4� �DC off�
WDT enab�e
—
1.6
�.4
m�
5V
—
�.4
4.0
m�
3V No �oad� fSYS=fH/8� �DC off�
WDT enab�e
—
1.5
�.�
m�
5V
—
�.�
3.6
m�
3V No �oad� fSYS=fH/16� �DC off�
WDT enab�e
—
1.4
�.0
m�
5V
—
�.0
3.�
m�
3V No �oad� fSYS=fH/3�� �DC off�
WDT enab�e
—
1.3
1.8
m�
5V
—
1.8
�.8
m�
3V No �oad� fSYS=fH/64� �DC off�
WDT enab�e
—
1.�
1.6
m�
5V
—
1.6
�.4
m�
IDD5
O�e�ating Cu��ent�
No�ma� Mode� fH=1�MHz (HXT)
3V No �oad� fSYS=fH/�� �DC off�
WDT enab�e
—
0.9
1.5
m�
5V
—
�.5
3.�5
m�
3V No �oad� fSYS=fH/4� �DC off�
WDT enab�e
—
0.�
1.0
m�
5V
—
�.0
3.0
m�
3V No �oad� fSYS=fH/8� �DC off�
WDT enab�e
—
0.6
0.9
m�
5V
—
1.6
�.4
m�
3V No �oad� fSYS=fH/16� �DC off�
WDT enab�e
—
0.5
0.�5
m�
5V
—
1.5
�.�5
m�
3V No �oad� fSYS=fH/3�� �DC off�
WDT enab�e
—
0.49
0.�4
m�
5V
—
1.45
�.18
m�
3V No �oad� fSYS=fH/64� �DC off�
WDT enab�e
—
0.4�
0.�1
m�
5V
—
1.4
�.1
m�
IIDLE01
IDLE0 Mode Stanby Cu��ent
(LIRC on)
3V
No �oad� �DC off� WDT Enab�e
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
IIDLE11
IDLE1 Mode Stanby Cu��ent
(HXT)
3V No �oad� �DC off� WDT enab�e�
fSYS=4MHz on
—
0.4
0.8
m�
5V
—
0.8
1.6
m�
IIDLE11�
IDLE1 Mode Stanby Cu��ent
(HIRC)
3V No �oad� �DC off� WDT enab�e�
fSYS=4MHz on
—
0.4
0.8
m�
5V
—
0.8
1.6
m�
IIDLE1�
IDLE1 Mode Stanby Cu��ent
(HXT)
3V No �oad� �DC off� WDT enab�e�
fSYS=8MHz on
—
0.5
1.0
m�
5V
—
1.0
�.0
m�
IIDLE1��
IDLE1 Mode Stanby Cu��ent
(HIRC)
3V No �oad� �DC off� WDT enab�e�
fSYS=8MHz on
—
0.8
1.6
m�
5V
—
1.0
�.0
m�
IIDLE13
IDLE1 Mode Stanby Cu��ent
(HXT)
3V No �oad� �DC off� WDT enab�e�
fSYS=1�MHz on
—
0.6
1.�
m�
5V
—
1.�
�.4
m�
IIDLE13�
IDLE1 Mode Stanby Cu��ent
(HIRC)
3V No �oad� �DC off� WDT enab�e�
fSYS=1�MHz on
—
0.6
1.�
m�
5V
—
1.�
�.4
m�
IIDLE14
IDLE1 Mode Stanby Cu��ent
(HXT)
3.3V No �oad� �DC off� WDT enab�e�
fSYS=16MHz on
—
1.0
�.0
m�
5V
—
�.0
4.0
m�
IIDLE15
IDLE1 Mode Stanby Cu��ent
(HXT)
5V No �oad� �DC off� WDT enab�e�
fSYS=�0MHz on
—
�.5
5.0
m�
ISLEEP0
SLEEP0 Mode Stanby Cu��ent
(LIRC off)
3V No �oad� �DC off� WDT disab�e�
LVR disab�e
—
0.1
1.0
μA
5V
—
0.3
�.0
μA
ISLEEP1
SLEEP1 Mode Stanby Cu��ent
(LIRC on)
3V No �oad� �DC off� WDT enab�e�
LVR disab�e
—
1.3
5.0
μA
5V
—
�.�
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com