Electronic Components Datasheet Search
  English  ▼

X  

HT66F005 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
Rev. 1.30
50
���i� ��� �01�
Rev. 1.30
51
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Register
Reset (Power On)
WDT Time-out/WDTC
Software Reset
(Normal Operation)
WDT Time-out (HALT)*
TM1�H
- - - - - - 00
- - - - - - 00
- - - - - - uu
EEC
---- 0000
---- 0000
---- uuuu
Note:“-”standsfornotimplement
“u”standsforunchanged
“x”standsforunknown
“y”standsfor"byregisterbitfunction"
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovidesbidirectionalinput/outputlineslabeledwithportnamesPA.ThisI/Oportis
mappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurposeData
Memorytable.TheI/Oportcanbeusedforinputandoutputoperations.Forinputoperation,these
portsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedgeofinstruction
“MOVA,[m]”,wheremdenotestheportaddress.Foroutputoperation,allthedataislatchedand
remainsunchangeduntiltheoutputlatchisrewritten.
I/O Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
P�WU
D�
D6
D5
D4
D3
D�
D1
D0
P�PU
D�
D6
D5
D4
D3
D�
D1
D0
P�C
D�
D6
D5
D4
D3
D�
D1
D0
P�
D�
D6
D5
D4
D3
D�
D1
D0
PRM
PRMS�
PRMS6
PRMS5
PRMS4
PRMS3
PRMS�
PRMS1
PRMS0
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.
Thepull-highresistorisselectedusingregister,PAPU,andisimplementedusingweakPMOS
transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com