Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 35Page - Cypress Semiconductor BCM4356 Datasheet HTML 36Page - Cypress Semiconductor BCM4356 Datasheet HTML 37Page - Cypress Semiconductor BCM4356 Datasheet HTML 38Page - Cypress Semiconductor BCM4356 Datasheet HTML 39Page - Cypress Semiconductor BCM4356 Datasheet HTML 40Page - Cypress Semiconductor BCM4356 Datasheet HTML 41Page - Cypress Semiconductor BCM4356 Datasheet HTML 42Page - Cypress Semiconductor BCM4356 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 39 of 155
ADVANCE
CYW4356
Figure 21. UART Timing
7.6 I2S Interface
The CYW4356 supports two independent I2S digital audio ports: one for Bluetooth audio, and one for high-fidelity FM audio. The I2S
interface for FM audio supports both master and slave modes. The I2S signals are:
■ I2S clock: BT_I2S_CLK
■ I2S Word Select: BT_I2S_WS
■ I2S Data Out: BT_I2S_DO
■ I2S Data In: BT_I2S_DI
BT_I2S_CLK and BT_I2S_WS become outputs in master mode and inputs in slave mode, whereas BT_I2S_DO always stays as an
output. The channel word length is 16 bits, and the data is justified so that the MSB of the left-channel data is aligned with the MSB
of the I2S bus, in accord with the I2S specification. The MSB of each data word is transmitted one bit clock cycle after the BT_I2S_WS
transition, synchronous with the falling edge of the bit clock. Left-channel data is transmitted when IBT_I2S_WS is low, and right-
channel data is transmitted when BT_I2S_WS is high. Data bits sent by the CYW4356 are synchronized with the falling edge of
BT_I2S_CLK and should be sampled by the receiver on the rising edge of BT_I2S_CLK.
The clock rate in master mode is either of the following:
48 kHz x 32 bits per frame = 1.536 MHz
48 kHz x 50 bits per frame = 2.400 MHz
The master clock is generated from the input reference clock using a N/M clock divider.
In the slave mode, any clock rate is supported to a maximum of 3.072 MHz.
Table 16. UART Timing Specifications
Ref No.
Characteristics
Min.
Typ.
Max.
Unit
1
Delay time, UART_CTS_N low to UART_TXD valid
–
–
1.5
Bit periods
2
Setup time, UART_CTS_N high before midpoint of stop bit
–
–
0.5
Bit periods
3
Delay time, midpoint of stop bit to UART_RTS_N high
–
–
0.5
Bit periods
UART_CTS_N
UART_RXD
UART_RTS_N
1
2
Midpoint of STOP bit
UART_TXD
Midpoint of STOP bit
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com