Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 45Page - Cypress Semiconductor BCM4356 Datasheet HTML 46Page - Cypress Semiconductor BCM4356 Datasheet HTML 47Page - Cypress Semiconductor BCM4356 Datasheet HTML 48Page - Cypress Semiconductor BCM4356 Datasheet HTML 49Page - Cypress Semiconductor BCM4356 Datasheet HTML 50Page - Cypress Semiconductor BCM4356 Datasheet HTML 51Page - Cypress Semiconductor BCM4356 Datasheet HTML 52Page - Cypress Semiconductor BCM4356 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 49 of 155
ADVANCE
CYW4356
10. WLAN Host Interfaces
10.1 SDIO v3.0
All three package options of the CYW4356 WLAN section provide support for SDIO version 3.0, including the new UHS-I modes:
■ DS: Default speed (DS) up to 25 MHz, including 1- and 4-bit modes (3.3V signaling).
■ HS: High-speed up to 50 MHz (3.3V signaling).
■ SDR12: SDR up to 25 MHz (1.8V signaling).
■ SDR25: SDR up to 50 MHz (1.8V signaling).
■ SDR50: SDR up to 100 MHz (1.8V signaling).
■ SDR104: SDR up to 208 MHz (1.8V signaling)
■ DDR50: DDR up to 50 MHz (1.8V signaling).
Note: The CYW4356 is backward compatible with SDIO v2.0 host interfaces.
The SDIO interface also has the ability to map the interrupt signal on to a GPIO pin for applications requiring an interrupt different
from the one provided by the SDIO interface. The ability to force control of the gated clocks from within the device is also provided.
SDIO mode is enabled by strapping options. Refer to Table 24 WLAN GPIO Functions and Strapping Options.
The following three functions are supported:
■ Function 0 Standard SDIO function (max. BlockSize/ByteCount = 32B)
■ Function 1 Backplane Function to access the internal system-on-chip (SoC) address space
(max. BlockSize/ByteCount = 64B)
■ Function 2 WLAN Function for efficient WLAN packet transfer through DMA
(max. BlockSize/ByteCount = 512B)
10.1.1 SDIO Pins
Figure 29. Signal Connections to SDIO Host (SD 4-Bit Mode)
Table 18. SDIO Pin Descriptions
SD 4-Bit Mode
SD 1-Bit Mode
DATA0
Data line 0
DATA
Data line
DATA1
Data line 1 or Interrupt
IRQ
Interrupt
DATA2
Data line 2 or Read Wait
RW
Read Wait
DATA3
Data line 3
N/C
Not used
CLK
Clock
CLK
Clock
CMD
Command line
CMD
Command line
SD Host
CLK
CMD
DAT[3:0]
CYW4356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com