Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 76Page - Cypress Semiconductor BCM4356 Datasheet HTML 77Page - Cypress Semiconductor BCM4356 Datasheet HTML 78Page - Cypress Semiconductor BCM4356 Datasheet HTML 79Page - Cypress Semiconductor BCM4356 Datasheet HTML 80Page - Cypress Semiconductor BCM4356 Datasheet HTML 81Page - Cypress Semiconductor BCM4356 Datasheet HTML 82Page - Cypress Semiconductor BCM4356 Datasheet HTML 83Page - Cypress Semiconductor BCM4356 Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 80 of 155
ADVANCE
CYW4356
154
BT_GPIO_3
I/O
Bluetooth general-purpose I/O
168
BT_GPIO_4
I/O
Bluetooth general-purpose I/O
153
BT_GPIO_5
I/O
Bluetooth general-purpose I/O
Miscellaneous
319
WL_REG_ON
I
Used by PMU to power up or power down the internal
CYW4356 regulators used by the WLAN section. Also, when
deasserted, this pin holds the WLAN section in reset. This
pin has an internal 200 kΩ pull-down resistor that is enabled
by default. It can be disabled through programming.
320
BT_REG_ON
I
Used by PMU to power up or power down the internal
CYW4356 regulators used by the Bluetooth/FM section.
Also, when deasserted, this pin holds the Bluetooth/FM
section in reset. This pin has an internal 200 kΩ pull-down
resistor that is enabled by default. It can be disabled through
programming.
176
BT_DEV_WAKE
I/O
Bluetooth DEV_WAKE
170
BT_HOST_WAKE
I/O
Bluetooth HOST_WAKE
12–29,
99–101,
31, 33, 35,
38
NC
NC
Do not connect these pins to anything. Leave them floating.
Integrated Voltage Regulators
340
SR_VDDBATA5V
I
Quiet VBAT
348
SR_VDDBATP5V
I
Power VBAT
336
SR_VLX
O
Cbuck switching regulator output. Refer to Table 44 for
details of the inductor and capacitor required on this output.
342
LDO_VDD1P5
I
LNLDO input
327
LDO_VDDBAT5V
I
LDO VBAT.
249
WRF_XTAL_VDD1P5
I
XTAL LDO input (1.35V)
254
WRF_XTAL_VDD1P2
O
XTAL LDO output (1.2V)
351
VOUT_LNLDO
O
Output of LNLDO
341
VOUT_CLDO
O
Output of core LDO
362
VOUT_BTLDO2P5
O
Output of BT LDO
346
VOUT_LDO3P3_B
O
Output of 3.3V LDO
324
VOUT_3P3
O
LDO 3.3V output
330
VOUT_3P3_SENSE
O
Voltage sense pin for LDO 3.3V output
Bluetooth Supplies
46
BT_PAVDD2P5
PWR
Bluetooth PA power supply
44
BT_LNAVDD1P2
PWR
Bluetooth LNA power supply
42
BT_IFVDD1P2
PWR
Bluetooth IF block power supply
47
BT_PLLVDD1P2
PWR
Bluetooth RF PLL power supply
50
BT_VCOVDD1P2
PWR
Bluetooth RF power supply
148, 149,
150,151
BT_VDDIO
PWR
Core supply
Table 22. WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com