Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 82Page - Cypress Semiconductor BCM4356 Datasheet HTML 83Page - Cypress Semiconductor BCM4356 Datasheet HTML 84Page - Cypress Semiconductor BCM4356 Datasheet HTML 85Page - Cypress Semiconductor BCM4356 Datasheet HTML 86Page - Cypress Semiconductor BCM4356 Datasheet HTML 87Page - Cypress Semiconductor BCM4356 Datasheet HTML 88Page - Cypress Semiconductor BCM4356 Datasheet HTML 89Page - Cypress Semiconductor BCM4356 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 86 of 155
ADVANCE
CYW4356
JTAG Interface
D9
JTAG_SEL
I/O
JTAG select: pull high to select the JTAG interface. If the
JTAG interface is not used this pin may be left floating or
connected to ground.
See Table 27 for the JTAG signal pins.
Clocks
P12
WRF_XTAL_IN
I
XTAL oscillator input
N12
WRF_XTAL_OUT
O
XTAL oscillator output
F6
LPO_IN
I
External sleep clock input (32.768 kHz)
F4
CLK_REQ
O
Reference clock request (shared by BT and WLAN). If not
used, this can be no-connect.
Bluetooth/FM Transceiver
L1
BT_RF
O
Bluetooth PA output
H1
FM_RFIN
I
FM radio antenna port
–
FM_RFAUX
I
FM radio auxiliary antenna port
E1
FM_AOUT1
O
FM DAC output 1
F1
FM_AOUT2
O
FM DAC output 2
Bluetooth PCM
M6
BT_PCM_CLK
I/O
PCM clock; can be master (output) or slave (input)
J4
BT_PCM_IN
I
PCM data input
H4
BT_PCM_OUT
O
PCM data output
K6
BT_PCM_SYNC
I/O
PCM sync; can be master (output) or slave (input).
Bluetooth USB Interface
E5
BT_USB_DN
I/O
USB (Host) data negative. Negative terminal of the USB
transceiver.
F5
BT_USB_DP
I/O
USB (Host) data positive. Positive terminal of the USB trans-
ceiver.
Bluetooth UART
L5
BT_UART_CTS_L
I
UART clear-to-send. Active-low clear-to-send signal for the
HCI UART interface.
K5
BT_UART_RTS_L
O
UART request-to-send. Active-low request-to-send signal
for the HCI UART interface. BT LED control pin.
H5
BT_UART_RXD
I
UART serial input. Serial data input for the HCI UART
interface.
J5
BT_UART_TXD
O
UART serial output. Serial data output for the HCI UART
interface.
Bluetooth/FM I2S
J6
BT_I2S_CLK
I/O
I2S clock, can be master (output) or slave (input).
G6
BT_I2S_DO
I/O
I2S data output
G5
BT_I2S_DI
I/O
I2S data input
L6
BT_I2S_WS
I/O
I2S WS; can be master (output) or slave (input).
Table 23. WLBGA Signal Descriptions (Cont.)
Ball#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com