Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 16Page - Cypress Semiconductor BCM4356 Datasheet HTML 17Page - Cypress Semiconductor BCM4356 Datasheet HTML 18Page - Cypress Semiconductor BCM4356 Datasheet HTML 19Page - Cypress Semiconductor BCM4356 Datasheet HTML 20Page - Cypress Semiconductor BCM4356 Datasheet HTML 21Page - Cypress Semiconductor BCM4356 Datasheet HTML 22Page - Cypress Semiconductor BCM4356 Datasheet HTML 23Page - Cypress Semiconductor BCM4356 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 20 of 155
ADVANCE
CYW4356
Major FM Radio features include:
■ 65 MHz to 108 MHz FM bands supported (US, Europe, and Japan)
■ FM subsystem control using the Bluetooth HCI interface
■ FM subsystem operates from reference clock inputs.
■ Improved audio interface capabilities with full-featured bidirectional PCM and I2S
■ I2S can be master or slave.
FM receiver-specific features include:
■ Excellent FM radio performance with 1 µV sensitivity for 26 dB (S+N)/N
■ Signal-dependent stereo/mono blending
■ Signal dependent soft mute
■ Auto search and tuning modes
■ Audio silence detection
■ RSSI, IF frequency, status indicators
■ RDS and RBDS demodulator and decoder with filter and buffering functions
■ Automatic frequency jump
4.2 Bluetooth Radio
The CYW4356 has an integrated radio transceiver that has been optimized for use in 2.4 GHz Bluetooth wireless systems. It has been
designed to provide low-power, low-cost, robust communications for applications operating in the globally available 2.4 GHz
unlicensed ISM band. It is fully compliant with the Bluetooth Radio Specification and EDR specification and meets or exceeds the
requirements to provide the highest communication link quality of service.
4.2.1 Transmit
The CYW4356 features a fully integrated zero-IF transmitter. The baseband transmit data is GFSK-modulated in the modem block
and upconverted to the 2.4 GHz ISM band in the transmitter path. The transmitter path consists of signal filtering, I/Q upconversion,
output power amplifier, and RF filtering. The transmitter path also incorporates
/4-DQPSK for 2 Mbps and 8-DPSK for 3 Mbps to
support EDR. The transmitter section is compatible to the Bluetooth Low Energy specification. The transmitter PA bias can also be
adjusted to provide Bluetooth class 1 or class 2 operation.
4.2.2 Digital Modulator
The digital modulator performs the data modulation and filtering required for the GFSK,
/4-DQPSK, and
8-DPSK signal. The fully digital modulator minimizes any frequency drift or anomalies in the modulation characteristics of the trans-
mitted signal and is much more stable than direct VCO modulation schemes.
4.2.3 Digital Demodulator and Bit Synchronizer
The digital demodulator and bit synchronizer take the low-IF received signal and perform an optimal frequency tracking and bit-
synchronization algorithm.
4.2.4 Power Amplifier
The fully integrated PA supports Class 1 or Class 2 output using a highly linearized, temperature-compensated design. This provides
greater flexibility in front-end matching and filtering. Due to the linear nature of the PA combined with some integrated filtering, external
filtering is required to meet the Bluetooth and regulatory harmonic and spurious requirements. For integrated mobile handset appli-
cations in which Bluetooth is integrated next to the cellular radio, external filtering can be applied to achieve near thermal noise levels
for spurious and radiated noise emissions. The transmitter features a sophisticated on-chip transmit signal strength indicator (TSSI)
block to keep the absolute output power variation within a tight range across process, voltage, and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com