Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 9Page - Cypress Semiconductor BCM4356 Datasheet HTML 10Page - Cypress Semiconductor BCM4356 Datasheet HTML 11Page - Cypress Semiconductor BCM4356 Datasheet HTML 12Page - Cypress Semiconductor BCM4356 Datasheet HTML 13Page - Cypress Semiconductor BCM4356 Datasheet HTML 14Page - Cypress Semiconductor BCM4356 Datasheet HTML 15Page - Cypress Semiconductor BCM4356 Datasheet HTML 16Page - Cypress Semiconductor BCM4356 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 13 of 155
ADVANCE
CYW4356
2.5 Power-Off Shutdown
The CYW4356 provides a low-power shutdown feature that allows the device to be turned off while the host, and any other devices
in the system, remain operational. When the CYW4356 is not needed in the system, VDDIO_RF and VDDC are shut down while VBAT
and VDDIO remain powered. This allows the CYW4356 to be effectively off while keeping the I/O pins powered so that they do not
draw extra current from any other devices connected to the I/O.
During a low-power shut-down state, provided VDDIO remains applied to the CYW4356, all outputs are tristated, and most inputs
signals are disabled. Input voltages must remain within the limits defined for normal operation. This is done to prevent current paths
or create loading on any digital signals in the system, and enables the CYW4356 to be fully integrated in an embedded device and
take full advantage of the lowest power-savings modes.
When the CYW4356 is powered on from this state, it is the same as a normal power-up and the device does not retain any information
about its state from before it was powered down.
2.6 Power-Up/Power-Down/Reset Circuits
The CYW4356 has two signals (see Table 3) that enable or disable the Bluetooth and WLAN circuits and the internal regulator blocks,
allowing the host to control power consumption. For timing diagrams of these signals and the required power-up sequences, see
Section 21. Power-Up Sequence and Timing.
2.7 Wireless Charging
The CYW4356 combo IC is designed for paired operation with the BCM59350 wireless power transfer front-end chip. Working
together, the two chips form a power receiver unit (PRU) that is compliant with the Alliance for Wireless Power specification (A4WP).
High-level functional block diagram for wireless charging is provided in Figure 4. The power transmit unit (PTU) resides in the charging
pad while the power receive unit is integrated into the mobile device. The charging process begins as the mobile device is placed onto
the charging pad. The power is transferred from PTU to PRU through the TX and RX coils by means of magnetic induction. The
Bluetooth control link handles communications, i.e., handshaking, between them. PTU is a BLE client, which gets performance data
from the BLE server (PRU) in order to adapt its power to the mobile's need.
Figure 4. High-Level Functional Block Diagram for Wireless Charging
Table 3. Power-Up/Power-Down/Reset Control Signals
Signal
Description
WL_REG_ON
This signal is used by the PMU (with BT_REG_ON) to power up the WLAN section. It is also OR-gated
with the BT_REG_ON input to control the internal CYW4356 regulators. When this pin is high, the
regulators are enabled and the WLAN section is out of reset. When this pin is low, the WLAN section
is in reset. If BT_REG_ON and WL_REG_ON are both low, the regulators are disabled. This pin has
an internal 200 k
 pull-down resistor that is enabled by default. It can be disabled through programming.
BT_REG_ON
This signal is used by the PMU (with WL_REG_ON) to decide whether or not to power down the internal
CYW4356 regulators. If BT_REG_ON and WL_REG_ON are low, the regulators will be disabled. This
pin has an internal 200 k
 pull-down resistor that is enabled by default. It can be disabled through
programming.
Power Receiver Unit (PRU)
BCM59350
WPT 
Front End
CYW4356
Bluetooth
Low‐Energy (BLE)
WPT
Rx Coil
Resonator
System control i/f
WPT Control
Power Transmit Unit (PTU)
WPT
Transmit
BLE
WPT
Tx Coil
Resonator
Wireless Power 
Transfer
USB
Power
Switch
VBUS Detect
Application 
Processor
Bluetooth Control 
Link
PMU
WPT 1.8/3.3
VBUCK
Charger
Battery
GPIO
System power
BT Antenna
BT Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com