Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 88Page - Cypress Semiconductor BCM4356 Datasheet HTML 89Page - Cypress Semiconductor BCM4356 Datasheet HTML 90Page - Cypress Semiconductor BCM4356 Datasheet HTML 91Page - Cypress Semiconductor BCM4356 Datasheet HTML 92Page - Cypress Semiconductor BCM4356 Datasheet HTML 93Page - Cypress Semiconductor BCM4356 Datasheet HTML 94Page - Cypress Semiconductor BCM4356 Datasheet HTML 95Page - Cypress Semiconductor BCM4356 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 92 of 155
ADVANCE
CYW4356
Table 28 defines status for all CYW4356 GPIOs based on the tristate test mode.
GPIO_11 TEST_G-
PIO_11
FAST_UAR
T_RX
–PALDO
_PU
–GCI_G-
PIO_5
PALDO_PD
–––
–
GPIO_1
2
TEST_G-
PIO_12
FAST_UAR
T
_TX
––
–
GCI_G-
PIO_1
–
–––
GPIO_1
3
TEST_G-
PIO_13
–
–
–
–
GCI_G-
PIO_0
–
–––
–
GPIO_1
4
TEST_G-
PIO_14
FAST_UAR
T
_RTS_OUT
––
–
GCI_G-
PIO_2
––
UART_DBG
_RX
––
GPIO_1
5
TEST_G-
PIO_15
FAST_UAR
T_CTS_IN
––
–
GCI_G-
PIO_3
––
UART_DBG
_TX
––
Note:
1. GPIO_0 and WL_DEV_WAKE signals are selected by using software.
2. SDIO_PADVDDIO = 1 (not in straps table) is set to 3.3V by default for all packages.
3. GPIO_7 can be used as WL_LED in WLBGA package.
a. For all new designs, use GPIO_6 for SECI_IN instead of GPIO_4. For existing designs, GPIO_4 can be still used for SECI_IN provided the strapping requirements discussed in “
WLAN/
BT GPIO Signals and Strapping Options” are fully satisfied.
Table 28. GPIO Status Vs. Test Modes
Test Mode
Function Select
Status for All GPIOs
TRISTATE_IND
12
Input disable
TRISTATE_PDN
13
Pull down
TRISTATE_PUP
14
Pull up
TRISTATE
15
Tristate
Table 27. GPIO Alternative Signal Functions (Cont.)
Pin
Names
Test Mode FAST UART
SPROM
BSC
Miscella-
neous-0
(JTAG_SEL
= 1)
GCI
Miscella-
neous-1
Miscella-
neous-2
UART
PWDOG
10
Additional
Functionality
Function Select
0
2
4
5
6
7
8
9
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com