Electronic Components Datasheet Search
  English  ▼

X  

BCM4356 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # BCM4356
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button BCM4356 Datasheet HTML 43Page - Cypress Semiconductor BCM4356 Datasheet HTML 44Page - Cypress Semiconductor BCM4356 Datasheet HTML 45Page - Cypress Semiconductor BCM4356 Datasheet HTML 46Page - Cypress Semiconductor BCM4356 Datasheet HTML 47Page - Cypress Semiconductor BCM4356 Datasheet HTML 48Page - Cypress Semiconductor BCM4356 Datasheet HTML 49Page - Cypress Semiconductor BCM4356 Datasheet HTML 50Page - Cypress Semiconductor BCM4356 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 47 of 155
ADVANCE
CYW4356
9.4 External Coexistence Interface
An external handshake interface is available to enable signaling between the device and an external co-located wireless device, such
as GPS, LTE, or UWB, to manage wireless medium sharing for optimal performance.
Figure 27 and Figure 28 show the LTE coexistence interface (including UART) for each CYW4356 package type. See Table 27 for
further details on multiplexed signals, such as the GPIO pins.
See Table 16 for the UART baud rate.
Figure 27. Cypress GCI Mode LTE Coexistence Interface
Figure 28. Legacy 3-Wire LTE Coexistence Interface
WLAN
GCI
LTE/IC
UART_IN
UART_OUT
BTFM
Notes: 
 OR’ing to generate ISM_RX_PRIORITY for ERCX_TXCONF or BT_RX_PRIORITY is achieved by 
setting the GPIO mask registers appropriately.
 SECI_OUT and SECI_IN are multiplexed on the GPIOs.
SECI_OUT
SECI_IN
CYW4356
Note: OR’ing to generate WCN_PRIORITY FOR ERCX_TXCONF or BT_RX_PRIORITY is achieved by 
setting the GPIO mask registers appropriately.
WLAN
GCI
LTE/IC
BT/FM
WCN_PRIORITY
GCI_GPIO_2
GCI_GPIO_1
GCI_GPIO_0
MWS_RX, LTE_PRIORITY
LTE_FRAME_SYNC
CYW4356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com