Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 14Page - Texas Instruments LP5569RTWR Datasheet HTML 15Page - Texas Instruments LP5569RTWR Datasheet HTML 16Page - Texas Instruments LP5569RTWR Datasheet HTML 17Page - Texas Instruments LP5569RTWR Datasheet HTML 18Page - Texas Instruments LP5569RTWR Datasheet HTML 19Page - Texas Instruments LP5569RTWR Datasheet HTML 20Page - Texas Instruments LP5569RTWR Datasheet HTML 21Page - Texas Instruments LP5569RTWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
CHARGE PUMP
CURRENT SINK
SATURATION
MONITOR
MODE
CONTROL
CONTROL
REGISTERS
COMPARATOR
PWM
VOFS
MODE
Copyright © 2016, Texas Instruments Incorporated
VIN
VOUT
LEDx
18
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 18. Forward-Voltage-Monitoring and Gain-Control Block
8.3.3 Energy Efficiency
8.3.3.1 LED Powering
The red LED (R) element of an RGB LED typically has a forward voltage of about 2 V. These LEDs can be
powered directly from the input voltage because battery voltage is typically high enough to drive red LEDs over
the whole operating voltage range. This allows driving of three RGB LEDs with good efficiency because the red
LEDs
do
not
load
the
charge
pump.
When
the
LEDx_CONTROL
(address
07h–0Fh)
register
EXTERNAL_POWERx bit = 1, the LEDx output is configured for external supply, and forward-voltage monitoring
is disabled.
8.3.4 Automatic Power-Save Mode
When the LED outputs are not active, the LP5569 device is able to enter the power-save mode automatically,
thus lowering idle-current consumption down to 10 μA (typical). Automatic power-save mode is enabled when the
MISC register (address 2Fh) POWERSAVE_EN bit = 1. Almost all analog blocks are powered down in power
save, if an external clock signal is used. The charge pump enters the weak 1× mode using a passive current-
limited keep-alive switch, which keeps the output voltage at the battery level to reduce output-voltage transients.
During program execution, the LP5569 device can enter power save if there is no PWM activity in any of the LED
driver outputs. To prevent short power-save sequences during program execution, the device has an instruction
look-ahead filter. In power-save mode, program execution continues without interruption. When an instruction
that requires PWM activity is executed, a fast internal start-up sequence is started automatically.
8.3.5 Protection Features
8.3.5.1 Thermal Shutdown (TSD)
The LP5569 device implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 150°C (typical), the device switches into shutdown mode.
The LP5569 device releases thermal shutdown when the junction temperature of the device decreases to 130°C
(typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com