Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 57Page - Texas Instruments LP5569RTWR Datasheet HTML 58Page - Texas Instruments LP5569RTWR Datasheet HTML 59Page - Texas Instruments LP5569RTWR Datasheet HTML 60Page - Texas Instruments LP5569RTWR Datasheet HTML 61Page - Texas Instruments LP5569RTWR Datasheet HTML 62Page - Texas Instruments LP5569RTWR Datasheet HTML 63Page - Texas Instruments LP5569RTWR Datasheet HTML 64Page - Texas Instruments LP5569RTWR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
61
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 70. MASTER_FADER2 Register
7
6
5
4
3
2
1
0
master_fader2
R/W-0h
Table 59. MASTER_FADER2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
master_fader2
R/W
0h
Master fader2 is controlled by engine 2.
8.6.1.45 MASTER_FADER3 Register (Address = 48h) [reset = 0h]
MASTER_FADER3 is shown in Figure 71 and described in Table 60.
Return to Summary Table.
Master Fader3 Register
An 8-bit register to control all the LED outputs mapped to MASTER FADER2. Master fader allows the user to
control dimming of multiple LEDS with a single serial bus write.
Figure 71. MASTER_FADER3 Register
7
6
5
4
3
2
1
0
master_fader3
R/W-0h
Table 60. MASTER_FADER3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
master_fader3
R/W
0h
Master fader3 is controlled by engine 3.
8.6.1.46 MASTER_FADER_PWM Register (Address = 4Ah) [reset = 0h]
MASTER_FADER_PWM is shown in Figure 72 and described in Table 61.
Return to Summary Table.
Master Fader PWM Register
Figure 72. MASTER_FADER_PWM Register
7
6
5
4
3
2
1
0
master_fader_pwm
R-0h
Table 61. MASTER_FADER_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
master_fader_pwm
R
0h
PWM input duty cycle. See Figure 14.
8.6.1.47 ENGINE1_PROG_START Register (Address = 4Bh) [reset = 0h]
ENGINE1_PROG_START is shown in Figure 73 and described in Table 62.
Return to Summary Table.
Engine1 Program Start Register
Figure 73. ENGINE1_PROG_START Register
7
6
5
4
3
2
1
0
prog_start_addr1
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com